Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBK Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320F2811PBK
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBK Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320F2811PBK Datasheet HTML 87Page - Texas Instruments TMS320F2811PBK Datasheet HTML 88Page - Texas Instruments TMS320F2811PBK Datasheet HTML 89Page - Texas Instruments TMS320F2811PBK Datasheet HTML 90Page - Texas Instruments TMS320F2811PBK Datasheet HTML 91Page - Texas Instruments TMS320F2811PBK Datasheet HTML 92Page - Texas Instruments TMS320F2811PBK Datasheet HTML 93Page - Texas Instruments TMS320F2811PBK Datasheet HTML 94Page - Texas Instruments TMS320F2811PBK Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 174 page
background image
9.1.11 Peripheral Interrupt Expansion (PIE) Block
The PIE block serves to multiplex numerous interrupt sources into a smaller set of interrupt inputs. The PIE block
can support up to 96 peripheral interrupts. On the F281x, 45 of the possible 96 interrupts are used by
peripherals. The 96 interrupts are grouped into blocks of 8 and each group is fed into 1 of 12 CPU interrupt lines
(INT1 to INT12). Each of the 96 interrupts is supported by its own vector stored in a dedicated RAM block that
can be overwritten by the user. The vector is automatically fetched by the CPU on servicing the interrupt. It takes
8 CPU clock cycles to fetch the vector and save critical CPU registers. Hence the CPU can quickly respond to
interrupt events. Prioritization of interrupts is controlled in hardware and software. Each individual interrupt can
be enabled/disabled within the PIE block.
9.1.12 External Interrupts (XINT1, XINT2, XINT13, XNMI)
The F281x supports three masked external interrupts (XINT1, 2, 13). XINT13 is combined with one non-masked
external interrupt (XNMI). The combined signal name is XNMI_XINT13. Each of the interrupts can be selected
for negative or positive edge triggering and can also be enabled/disabled (including the XNMI). The masked
interrupts also contain a 16-bit free-running up-counter, which is reset to zero when a valid interrupt edge is
detected. This counter can be used to accurately time-stamp the interrupt.
9.1.13 Oscillator and PLL
The F281x can be clocked by an external oscillator or by a crystal attached to the on-chip oscillator circuit. A PLL
is provided supporting up to 10-input clock-scaling ratios. The PLL ratios can be changed on-the-fly in software,
enabling the user to scale back on operating frequency if lower power operation is desired. Refer to Section 8 for
timing details. The PLL block can be set in bypass mode.
9.1.14 Watchdog
The F281x supports a watchdog timer. The user software must regularly reset the watchdog counter within a
certain time frame; otherwise, the watchdog will generate a reset to the processor. The watchdog can be
disabled if necessary.
9.1.15 Peripheral Clocking
The clocks to each individual peripheral can be enabled/disabled to reduce power consumption when a
peripheral is not in use. Additionally, the system clock to the serial ports (except eCAN) and the event managers,
CAP and QEP blocks can be scaled relative to the CPU clock. This enables the timing of peripherals to be
decoupled from increasing CPU clock speeds.
9.1.16 Low-Power Modes
The F281x devices are fully static CMOS devices. Three low-power modes are provided:
IDLE:
Place CPU in low-power mode. Peripheral clocks may be turned off selectively and only those peripherals that must
function during IDLE are left operating. An enabled interrupt from an active peripheral will wake the processor from
IDLE mode.
STANDBY:
Turns off clock to CPU and peripherals. This mode leaves the oscillator and PLL functional. An external interrupt
event will wake the processor and the peripherals. Execution begins on the next valid cycle after detection of the
interrupt event.
HALT:
Turns off the internal oscillator. This mode basically shuts down the device and places it in the lowest possible power
consumption mode. Only a reset or XNMI can wake the device from this mode.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com