Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBK Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320F2811PBK
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBK Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320F2811PBK Datasheet HTML 8Page - Texas Instruments TMS320F2811PBK Datasheet HTML 9Page - Texas Instruments TMS320F2811PBK Datasheet HTML 10Page - Texas Instruments TMS320F2811PBK Datasheet HTML 11Page - Texas Instruments TMS320F2811PBK Datasheet HTML 12Page - Texas Instruments TMS320F2811PBK Datasheet HTML 13Page - Texas Instruments TMS320F2811PBK Datasheet HTML 14Page - Texas Instruments TMS320F2811PBK Datasheet HTML 15Page - Texas Instruments TMS320F2811PBK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 174 page
background image
Table 7-1. Signal Descriptions (continued)
NAME
PIN NO. (1)
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
GHH/ZHH
176-PIN
PGF
128-PIN
PBK
JTAG AND MISCELLANEOUS SIGNALS
X1/XCLKIN
K9
77
58
I
–
Oscillator Input – input to the internal oscillator.
This pin is also used to feed an external clock.
The 28x can be operated with an external clock
source, provided that the proper voltage levels
be driven on the X1/XCLKIN pin. It should be
noted that the X1/XCLKIN pin is referenced to
the 1.8-V (or 1.9-V) core digital power supply
(VDD), rather than the 3.3-V I/O supply (VDDIO).
A clamping diode may be used to clamp a
buffered clock signal to ensure that the logic-
high level does not exceed VDD (1.8 V or 1.9 V)
or a 1.8-V oscillator may be used.
X2
M9
76
57
O
–
Oscillator Output
XCLKOUT
F11
119
87
O
–
Output clock derived from SYSCLKOUT to be
used for external wait-state generation and as a
general-purpose clock source. XCLKOUT is
either the same frequency, 1/2 the frequency,
or 1/4 the frequency of SYSCLKOUT. At reset,
XCLKOUT = SYSCLKOUT/4. The XCLKOUT
signal can be turned off by setting bit 3
(CLKOFF) of the XINTCNF2 register to 1.
Unlike other GPIO pins, the XCLKOUT pin is
not placed in a high-impedance state during
reset.
TESTSEL
A13
134
97
I
PD
Test Pin. Reserved for TI. Must be connected to
ground.
XRS
D6
160
113
I/O
PU
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to
terminate execution. The PC will point to the
address contained at the location 0x3FFFC0.
When XRS is brought to a high level, execution
begins at the location pointed to by the PC.
This pin is driven low by the DSP when a
watchdog reset occurs. During watchdog reset,
the XRS pin will be driven low for the watchdog
reset duration of 512 XCLKIN cycles. The
output buffer of this pin is an open-drain with an
internal pullup (100 µA, typical). If this pin is
driven by an external device, it should be done
using an open-drain device.
TEST1
M7
67
51
I/O
–
Test Pin. Reserved for TI. On F281x devices,
TEST1 must be left unconnected.
TEST2
N7
66
50
I/O
–
Test Pin. Reserved for TI. On F281x devices,
TEST2 must be left unconnected.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com