Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBK Datasheet(PDF) 101 Page - Texas Instruments

Part # TMS320F2811PBK
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBK Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320F2811PBK Datasheet HTML 97Page - Texas Instruments TMS320F2811PBK Datasheet HTML 98Page - Texas Instruments TMS320F2811PBK Datasheet HTML 99Page - Texas Instruments TMS320F2811PBK Datasheet HTML 100Page - Texas Instruments TMS320F2811PBK Datasheet HTML 101Page - Texas Instruments TMS320F2811PBK Datasheet HTML 102Page - Texas Instruments TMS320F2811PBK Datasheet HTML 103Page - Texas Instruments TMS320F2811PBK Datasheet HTML 104Page - Texas Instruments TMS320F2811PBK Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 174 page
background image
9.2.2.6 PWM Characteristics
Characteristics of the PWMs are as follows:
• 16-bit registers
• Wide range of programmable deadband for the PWM output pairs
• Change of the PWM carrier frequency for PWM frequency wobbling as needed
• Change of the PWM pulse widths within and after each PWM period as needed
• External-maskable power and drive-protection interrupts
• Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and four-space
vector PWM waveforms
• Minimized CPU overhead using auto-reload of the compare and period registers
• The PWM pins are driven to a high-impedance state when the PDPINTx pin is driven low and after PDPINTx
signal qualification. The PDPINTx pin (after qualification) is reflected in bit 8 of the COMCONx register.
– PDPINTA pin status is reflected in bit 8 of COMCONA register.
– PDPINTB pin status is reflected in bit 8 of COMCONB register.
• EXTCON register bits provide options to individually trip control for each PWM pair of signals
9.2.2.7 Capture Unit
The capture unit provides a logging function for different events or transitions. The values of the selected GP
timer counter is captured and stored in the two-level-deep FIFO stacks when selected transitions are detected
on capture input pins, CAPx (x = 1, 2, or 3 for EVA; and x = 4, 5, or 6 for EVB). The capture unit consists of three
capture circuits.
Capture units include the following features:
• One 16-bit capture control register, CAPCONx (R/W)
• One 16-bit capture FIFO status register, CAPFIFOx
• Selection of GP timer 1/2 (for EVA) or 3/4 (for EVB) as the time base
• Three 16-bit 2-level-deep FIFO stacks, one for each capture unit
• Three capture input pins (CAP1/2/3 for EVA, CAP4/5/6 for EVB)—one input pin per capture unit. [All inputs
are synchronized with the device (CPU) clock. In order for a transition to be captured, the input must hold at
its current level to meet the input qualification circuitry requirements. The input pins CAP1/2 and CAP4/5 can
also be used as QEP inputs to the QEP circuit.]
• User-specified transition (rising edge, falling edge, or both edges) detection
• Three maskable interrupt flags, one for each capture unit
• The capture pins can also be used as general-purpose interrupt pins, if they are not used for the capture
function.
9.2.2.8 Quadrature-Encoder Pulse (QEP) Circuit
Two capture inputs (CAP1 and CAP2 for EVA; CAP4 and CAP5 for EVB) can be used to interface the on-chip
QEP circuit with a quadrature encoder pulse. Full synchronization of these inputs is performed on-chip. Direction
or leading-quadrature pulse sequence is detected, and GP timer 2/4 is incremented or decremented by the rising
and falling edges of the two input signals (four times the frequency of either input pulse).
With EXTCONA register bits, the EVA QEP circuit can use CAP3 as a capture index pin as well. Similarly, with
EXTCONB register bits, the EVB QEP circuit can use CAP6 as a capture index pin.
9.2.2.9 External ADC Start-of-Conversion
EVA/EVB start-of-conversion (SOC) can be sent to an external pin ( EVASOC/ EVBSOC) for external ADC
interface. EVASOC and EVBSOC are MUXed with T2CTRIP and T4CTRIP, respectively.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com