Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD2EUSB30ADRTR Datasheet(PDF) 17 Page - Texas Instruments

Part # TPD2EUSB30ADRTR
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30ADRTR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPD2EUSB30ADRTR Datasheet HTML 13Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 14Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 15Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 16Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 17Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 18Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 19Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 20Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPD2EUSB30ADRTR
SOT-9X3
DRT
3
3000
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q3
TPD2EUSB30ADRTRG4 SOT-9X3
DRT
3
3000
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q3
TPD2EUSB30DRTR
SOT-9X3
DRT
3
3000
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q3
TPD2EUSB30DRTRG4
SOT-9X3
DRT
3
3000
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q3
TPD4EUSB30DQAR
USON
DQA
10
3000
180.0
8.4
1.2
2.7
0.63
4.0
8.0
Q1
TPD4EUSB30DQARG4
USON
DQA
10
3000
180.0
8.4
1.2
2.7
0.63
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com