Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD2EUSB30ADRTR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD2EUSB30ADRTR
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30ADRTR Datasheet(HTML) 1 Page - Texas Instruments

  TPD2EUSB30ADRTR Datasheet HTML 1Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 2Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 3Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 4Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 5Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 6Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 7Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 8Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
1 Features
• Supports USB 3.0 data rates (5 Gbps)
• IEC 61000-4-2 ESD protection (level 4 contact)
• IEC 61000-4-5 surge protection
– 5 A (8/20 µs)
• Low capacitance
– DRT: 0.7 pF (typical)
– DQA: 0.8 pF (typical)
• Dynamic resistance: 0.6 Ω (typical)
• Space-saving DRT, DQA packages
• Flow-through pin mapping
2 Applications
• Notebooks
• Set-top boxes
• DVD players
• Media players
• Portable computers
3 Description
The
TPD2EUSB30,
TPD2EUSB30A,
and
TPD4EUSB30 are 2 and 4 channel Transient Voltage
Suppressor (TVS) based Electrostatic Discharge
(ESD) protection diode arrays. The TPDxEUSB30/A
devices are rated to dissipate ESD strikes at the
maximum level specified in the IEC 61000-4-2
international standard (Contact). These devices also
offer 5 A (8/20 μs) peak pulse current ratings per IEC
61000-4-5 (Surge) specification.
The TPD2EUSB30A offers low 4.5-V DC break-
down voltage. The low capacitance, low break-down
voltage, and low dynamic resistance make the
TPD2EUSB30A a superior protection device for high-
speed differential IOs.
The TPD2EUSB30 and TPD2EUSB30A are offered
in space saving DRT (1 mm × 1 mm) package. The
TPD4EUSB30 is offered in space saving DQA (2.5
mm × 1.0 mm) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD2EUSB30
SOT (3)
1.00 mm × 0.80 mm
TPD2EUSB30A
TPD4EUSB30
USON (10)
2.50 mm × 1.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
GND
D2+
D2-
D1+
D1-
TPD4EUSB30 Circuit
GND
D+
D–
TPD2EUSB30/A Circuit
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD2EUSB30ADRTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2EUSB30ADRTR TI1-TPD2EUSB30ADRTR Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
More results

Similar Description - TPD2EUSB30ADRTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
logo
Texas Instruments
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
logo
First Silicon Co., Ltd
FPD1E10B09DPYR FS-FPD1E10B09DPYR Datasheet
680Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30ADRTR FS-FPD2EUSB30ADRTR Datasheet
333Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
FPD2EUSB30DRTR FS-FPD2EUSB30DRTR Datasheet
434Kb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
2022. 06. 24 Revision No : 0
logo
TECH PUBLIC Electronics...
TPD2EUSB30DRTR-TP TECHPUBLIC-TPD2EUSB30DRTR-TP Datasheet
2Mb / 4P
2-Channel ESD Protection for Super-Speed USB 3.0 Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com