Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD2EUSB30ADRTR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD2EUSB30ADRTR
Description  TPDxEUSB30 2-, 4-Channel ESD Protection for Super-Speed USB 3.0 Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD2EUSB30ADRTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD2EUSB30ADRTR Datasheet HTML 4Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 5Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 6Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 7Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 8Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 9Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 10Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 11Page - Texas Instruments TPD2EUSB30ADRTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
7 Detailed Description
7.1 Overview
The TPD2EUSB30, TPD2EUSB30A, and TPD4EUSB30 are 2 and 4 channel Transient Voltage Suppressor
(TVS) based Electrostatic Discharge (ESD) protection diode arrays. The TPDxEUSB30/A devices are rated
to dissipate ESD strikes at the maximum contact level specified in the IEC 61000-4-2 international standard
(Contact). These devices also offer 5 A (8/20 μs) peak pulse current ratings per IEC 61000-4-5 (surge)
specification.
7.2 Functional Block Diagrams
GND
D2+
D2-
D1+
D1-
Figure 7-1. TPD4EUSB30 Circuit
GND
D+
D–
Figure 7-2. TPD2EUSB30/A Circuit
7.3 Feature Description
TPDxEUSB30/A is a family of uni-directional Electrostatic Discharge (ESD) protection devices with low
capacitance. Each IO line is rated to dissipate ESD strikes at or above the maximum level specified in the
IEC 61000-4-2 (Level 4 Contact) international standard. The TPDxEUSB30/A's low loading capacitance makes it
ideal for protection super speed high-speed signals.
7.4 Device Functional Modes
The TPDxEUSB30/A family of devices are passive integrated circuits that activate whenever voltages above
VBR or below the lower diodes Vforward (–0.6V) are present upon the circuit being protected. During ESD events,
voltages as high as ±8 kV (contact) can be directed to ground via the internal diode network. Once the voltages
on the protected lines fall below the trigger voltage of the device (usually within 10's of nano-seconds) the device
reverts to passive.
TPD2EUSB30, TPD2EUSB30A, TPD4EUSB30
SLVSAC2G – AUGUST 2010 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPD2EUSB30 TPD2EUSB30A TPD4EUSB30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com