Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640CL Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640CL
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640CL Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640CL Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 34Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
30
Rev. E
12/27/2024
Symbol
Parameter
DDR3L-800/1066
DDR3L-1333/1600
DDR3L-1866/2133
Units
Note
Min.
Max.
Min.
Max.
Min.
Max.
VIH.DQ(DC90)
DC input logic high
Vref +
0.09
VDD
Vref +
0.09
VDD
Vref +
0.09
VDD
V
1, 5
VIL.DQ(DC90)
DC input logic low
VSS
Vref -
0.09
VSS
Vref -
0.09
VSS
Vref -
0.09
V
1, 6
VIH.DQ(AC160)
AC input logic high
Vref +
0.16
Note2
--
--
--
--
V
1, 2, 7
VIL.DQ(AC160)
AC input logic low
Note2
Vref -
0.16
--
--
--
--
V
1, 2, 8
VIH.DQ(AC135)
AC input logic high
Vref +
0.135
Note2
Vref +
0.135
Note2
--
--
V
1, 2, 7
VIL.DQ(AC135)
AC input logic low
Note2
Vref -
0.135
Note2
Vref -
0.135
--
--
V
1, 2, 8
VIH.DQ(AC130)
AC input logic high
--
--
--
--
Vref +
0.13
Note2
V
1, 2, 7
VIL.DQ(AC130)
AC input logic low
--
--
--
--
Note2
Vref -
0.13
V
1, 2, 8
VREFDQ(DC)
Reference Voltage
for DQ, DM inputs
0.49 *
VDD
0.51*
VDD
0.49 *
VDD
0.51*
VDD
0.49 *
VDD
0.51*
VDD
V
3, 4, 9
Notes:
1. For input only pins except RESET#. VREF = VREFDQ(DC)
2. See "Overshoot and Undershoot Specifications"
3. The ac peak noise on VREF may not allow VREF to deviate from Vref(DC) by more than ± 1.0% VDD.
4. For reference: DDR3 has approx. VDD/2 ±15mV, and DDR3L has approx. VDD/2 ± 13.5mV.
5. VIH(dc) is used as a simplified symbol for VIH.DQ(DC100) and VIH.DQ(DC90).
6. VIL(dc) is used as a simplified symbol for VIL.DQ(DC100) and VIL.DQ(DC90).
7. VIH(ac) is used as a simplified symbol for VIH.DQ(AC175), VIH.DQ(AC160), VIH.DQ(AC150), VIH.DQ(AC135), and VIH.DQ(AC130).
8. VIL(ac) is used as a simplified symbol for VIL.DQ(AC175), VIL.DQ(AC160), VIL.DQ(AC150), VIL.DQ(AC135), and VIL.DQ(AC130).
9. VREFCA(DC) is measured relative to VDD at the same point in time on the same device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com