Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640CL Datasheet(PDF) 55 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640CL
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640CL Datasheet(HTML) 55 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640CL Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 59Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
55
Rev. E
12/27/2024
DDR3-1333MT/s
Speed Bin
DDR3/DDR3L-1333
Unit
CL-nRCD-nRP
9-9-9 (-15H)
Parameter
Symbol
Min
Max
Internal read command to first data
tAA
13.5
20
ns
ACT to internal read or write delay
tRCD
13.5
-
ns
PRE command period
tRP
13.5
-
ns
ACT to ACT or REF period
tRC
49.5
-
ns
ACT to PRE command period
tRAS
36.0
9*tREFI
ns
CL=5
CWL =5
tCK(AVG)
3.0
3.3
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=6
CWL =5
tCK(AVG)
2.5
3.3
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=7
CWL =5
tCK(AVG)
Reserved
ns
CWL=6
tCK(AVG)
1.875
<2.5
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=8
CWL =5
tCK(AVG)
Reserved
ns
CWL=6
tCK(AVG)
1.875
<2.5
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=9
CWL=5
tCK(AVG)
Reserved
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
1.5
<1.875
ns
CL=10
CWL =5
tCK(AVG)
Reserved
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
1.5
<1.875
ns
Supported CL Settings
5,6,7,8,9,10
nCK
Supported CWL Settings
5,6,7
nCK
DDR3-1333MT/s
Speed Bin
DDR3/DDR3L-1333
Unit
CL-nRCD-nRP
8-8-8 (-15G)
Parameter
Symbol
Min
Max
Internal read command to first data
tAA
12.0
20
ns
ACT to internal read or write delay
tRCD
12.0
-
ns
PRE command period
tRP
12.0
-
ns
ACT to ACT or REF period
tRC
48.0
-
ns
ACT to PRE command period
tRAS
36.0
9*tREFI
ns
CL=5
CWL =5
tCK(AVG)
2.5
3.3
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=6
CWL =5
tCK(AVG)
2.5
3.3
ns
CWL=6
tCK(AVG)
Reserved
ns
CWL=7
tCK(AVG)
Reserved
ns
CL=7
CWL =5
tCK(AVG)
Reserved
ns
CWL=6
tCK(AVG)
1.875
<2.5
ns
CWL=7
tCK(AVG)
Reserved
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com