Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS46TR16640CL Datasheet(PDF) 69 Page - Integrated Silicon Solution, Inc

Part # IS46TR16640CL
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46TR16640CL Datasheet(HTML) 69 Page - Integrated Silicon Solution, Inc

Back Button IS46TR16640CL Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS46TR16640CL Datasheet HTML 73Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
69
Rev. E
12/27/2024
CKE minimum pulse width
tCKE
tCKEmin.: max(3nCK 5 ns)
tCKEmax.: -
Command pass disable delay
tCPDED
tCPDEDmin.: 1
nCK
tCPDEDmax.: -
Power Down Entry to Exit Timing
tPD
tPDmin.: tCKE(min)
15
tPDmax.: 9*tREFI
Timing of ACT command to Power Down entry
tACTPDEN
1
-
2
-
nCK
20
Timing of PRE or PREA command to Power
Down entry
tPRPDEN
1
-
2
-
nCK
20
Timing of RD/RDA command to Power Down
entry
tRDPDEN
tRDPDENmin.: RL+4+1
nCK
tRDPDENmax.: -
Timing of WR command to Power Down entry
(BL8OTF, BL8MRS, BC4OTF)
tWRPDEN
tWRPDENmin.: WL + 4 + (tWR / tCK(avg))
nCK
9
tWRPDENmax.: -
Timing of WRA command to Power Down entry
(BL8OTF, BL8MRS, BC4OTF)
tWRAPDEN
tWRAPDENmin.: WL+4+WR+1
nCK
10
tWRAPDENmax.: -
Timing of WR command to Power Down entry
(BC4MRS)
tWRPDEN
tWRPDENmin.: WL + 2 + (tWR / tCK(avg))
tWRPDENmax.: -
nCK
9
Timing of WRA command to Power Down entry
(BC4MRS)
tWRAPDEN
tWRAPDENmin.: WL + 2 +WR + 1
nCK
10
tWRAPDENmax.: -
Timing of REF command to Power Down entry
tREFPDEN
1
-
2
-
nCK
20,21
Timing of MRS command to Power Down entry
tMRSPDEN
tMRSPDENmin.: tMOD(min)
tMRSPDENmax.: -
ODT Timings
ODT high time without write command or with
write command and BC4
ODTH4
ODTH4min.: 4
nCK
ODTH4max.: -
ODT high time with Write command and BL8
ODTH8
ODTH8min.: 6
nCK
ODTH8max.: -
Asynchronous RTT turn-on delay (Power-
Down with DLL frozen)
tAONPD
2
8.5
2
8.5
ns
Asynchronous RTT turn-off delay (Power-
Down with DLL frozen)
tAOFPD
2
8.5
2
8.5
ns
RTT turn-on
tAON
-195
195
-180
180
ps
7,f
RTT_Nom and RTT_WR turn-off time from
ODTLoff reference
tAOF
0.3
0.7
0.3
0.7
tCK(avg)
8,f
RTT dynamic change skew
tADC
0.3
0.7
0.3
0.7
tCK(avg)
f
Write Leveling Timings
First DQS/DQS# rising edge after write
leveling mode is programmed
tWLMRD
40
-
40
-
nCK
3
DQS/DQS# delay after write leveling mode is
programmed
tWLDQSEN
25
-
25
-
nCK
3
Write leveling setup time from rising CK, CK#
crossing to rising DQS, DQS# crossing
tWLS
140
-
125
-
ps
Write leveling hold time from rising DQS,
DQS# crossing to rising CK, CK# crossing
tWLH
140
-
125
-
ps
Write leveling output delay
tWLO
0
7.5
0
7.5
ns
Write leveling output error
tWLOE
0
2
0
2
ns
9.4 Timing Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com