Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 101 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 177 page
background image
Return to the Register Summary Table.
SerDes Lane n Error Flags (n = 0 - 15). LANE_ERR[0] is at the lowest address.
Note
Only lanes 6 and 14 are connected on DDS devices. All other langes are disconnected.
Figure 7-93. LANE_ERR[15:0] Register
7
6
5
4
3
2
1
0
LANE_ERR[n]
R/W1C
Table 7-65. LANE_ERR[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
LANE_ERR[n]
R/W1C
00h
Sticky bits indicating various errors on lane n. A bit is set to indicate
an error. Write a 1 to clear a bit.
[7] Alignment character found at unexpected location (8b/10b) or
(extended)-multi-block pilot signal not in expected location (64b/66b)
[6] Multi-frame, multi-block, or extended-multi-block alignment lost.
[5] Frame alignment was lost (8b/10b only) or CRC_FAULT=1 (64b/
66b).
[4] Code-group or block synchronization was lost.
[3] RESERVED
[2] Not-in-table or unexpected control character (8b/10b) or CRC
(64b/66b) error occurred.
[1] Disparity error (8b/10b) or invalid sync header (64b/66b)
occurred.
[0] Gearbox FIFO overflowed or underflowed. As long as the write
clock frequency is correct the gearbox write clock can drift at least
3UI after this flag without causing data corruption.
Note: Lane Error Flags for extra or disabled lanes are undefined.
Note: LANE_ERR[6:1] are only detected for 8b/10b operation while
sync_n=1
7.5.3.33 FIFO_STATUS[15:0] Register (Offset = 0170h) [Read only, reset = NA]
FIFO_STATUS[15:0] is a set of 16 registers showing the status of lane n. LANE_STATUS[15:0] is shown in
Figure 7-94 and described in Table 7-66.
Return to the Register Summary Table.
SerDes Lane n Status (n = 0 - 15). FIFO_STATUS[0] is at the lowest address.
Note
Only lanes 6 and 14 are connected on DDS devices. All other langes are disconnected.
Figure 7-94. FIFO_STATUS[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
PDIFF[n]
R-000b
R
Table 7-66. FIFO_STATUS[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
000b
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com