Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 102 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 102 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 177 page
background image
Table 7-66. FIFO_STATUS[15:0] Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4-0
PDIFF[n]
R
NA
This register returns the difference between the write and read
pointers inside the gearbox FIFO for logical lane n.
For 8b/10b, values from 0-14 will be returned. For 64b/66b, values
from 0-16 will be returned.
The values at the ends of the range (0 & 14 for 8b/10b or 0 &
16 for 64b/66b) indicate error positions that will cause the Gearbox
FIFO overflow/underflow flag to be set in LANE_ERR. In both cases,
1 indicates minimum setup and the max value minus 1 indicates
minimum hold.
Values are measured in the read clock. The tread size is
approximately ½ of the effective link layer clock period (0.5/
(LCR*FDR)). In terms of UI:
•
In 8b/10b mode, the nominal tread size is 20UI. The nominal
tread size for the final tread (14) is 380UI±20UI.
•
In 64b/66b mode, the nominal tread size is 16.5UI. The nominal
tread size for the final tread (16) is 412.5UI±16.5UI.
The PDIFF[n] value for disabled lanes and lanes enabled by
EXTRA_LANE are undefined.
7.5.3.34 BER_EN Register (Offset = 01A0h) [reset = 00h]
BER_EN is shown in Figure 7-95 and described in Table 7-67.
Return to the Register Summary Table.
BER Measurement Control
Figure 7-95. BER_EN Register
7
6
5
4
3
2
1
0
RESERVED
BER_EN
R/W-0b
R/W-0b
Table 7-67. BER_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
BER_EN
R/W
0b
BER (bit-error-rate) test enable. After setting up the receiver
parameters, the user can program JTEST to a PRBS mode, set
JESD_EN, and then set BER_EN to enable the BER counters (see
BER_CNTn). To clear and restart the counters, program BER_EN
to 0 and then back to 1. The BER logic will self-synchronize to the
incoming PRBS data after the rising edge of BER_EN.
7.5.3.35 BER_CNT Register (Offset = 01B0h) [reset = NA, read rnly]
BER_CNT is shown in Figure 7-96 and described in Table 7-68.
Return to the Register Summary Table.
BER Error Count for Lane n. Lane 0 is a the lowest address
Figure 7-96. BER_CNT Register
7
6
5
4
3
2
1
0
BER_CNT[n]
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com