Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 113 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 109Page - Texas Instruments DAC39RFS10 Datasheet HTML 110Page - Texas Instruments DAC39RFS10 Datasheet HTML 111Page - Texas Instruments DAC39RFS10 Datasheet HTML 112Page - Texas Instruments DAC39RFS10 Datasheet HTML 113Page - Texas Instruments DAC39RFS10 Datasheet HTML 114Page - Texas Instruments DAC39RFS10 Datasheet HTML 115Page - Texas Instruments DAC39RFS10 Datasheet HTML 116Page - Texas Instruments DAC39RFS10 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 177 page
background image
Figure 7-116. JESD_RST Register (continued)
RESERVED
JESD_RST
R/W-00h
R/W-0h
Table 7-89. JESD_RST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
RESERVED
0
JESD_RST
R/W
0b
When set, this bit holds the digital portion of the JESD circuitry in
reset but does not affect the physical lane. It may be necessary to
set this bit prior to setting JESD_EN = 1 and then clear this bit at a
later time to start processing the JESD data. This allows the supply
to settle from the large change in power that occurs when starting
the PHY and JESD clocks. This is especially important if the user
plans to use the LANE_ARR values, since these values are captured
only the first time the elastic buffer attempts to release.
7.5.3.56 EXTREF_EN Register (Offset = 02B0h) [reset = 00h]
EXTREF_EN is shown in Figure 7-117 and described in Table 7-90.
Return to the Register Summary Table.
Enable External Reference
Figure 7-117. EXTREF_EN Register
7
6
5
4
3
2
1
0
RESERVED
EXTREF_EN
R/W-00h
R/W-0b
Table 7-90. EXTREF_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
EXTREF_EN
R/W
0b
Setting this bit enable the use of an external reference voltage on the
EXTREF ball.
CUR_2X_EN Register (Offset = 02B1h) [reset = 00h]
CUR_2X_EN is shown in Figure 7-118 and described in Table 7-91.
Return to the Register Summary Table.
DAC Current Doubler Enable
Figure 7-118. CUR_2X_EN Register
7
6
5
4
3
2
1
0
RESERVED
CUR_2X_EN
R/W-00h
R/W-0b
Table 7-91. CUR_2X_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
CUR_2X_EN
R/W
0b
Setting this bit doubles the DAC output current.
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com