Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 114 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 114 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 110Page - Texas Instruments DAC39RFS10 Datasheet HTML 111Page - Texas Instruments DAC39RFS10 Datasheet HTML 112Page - Texas Instruments DAC39RFS10 Datasheet HTML 113Page - Texas Instruments DAC39RFS10 Datasheet HTML 114Page - Texas Instruments DAC39RFS10 Datasheet HTML 115Page - Texas Instruments DAC39RFS10 Datasheet HTML 116Page - Texas Instruments DAC39RFS10 Datasheet HTML 117Page - Texas Instruments DAC39RFS10 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 177 page
background image
7.5.3.57 DAC_OFS_CHG_BLK Register (Offset = 02CFh) [reset = 00h]
DAC_OFS_CHG_BLK is shown in Figure 7-119 and described in Table 7-92.
Return to the Register Summary Table.
DAC Offset Adjustment Change Block
Figure 7-119. DAC_OFS_CHG_BLK Register
7
6
5
4
3
2
1
0
RESERVED
DAC_OFS_CH
G_BLK
R/W-00h
R/W-0b
Table 7-92. DAC_OFS_CHG_BLK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
R/W
00h
0
DAC_OFS_CHG_BLK
R/W
0b
When set, changes to DAC_OFS[n] are not propagated to the high-
speed clocks and both DACs continue to use their current value.
When this is changed from 1 to 0 the new DAC_OFS[n] values will
be applied to both DACs in the same clock cycle.
7.5.3.58 DP_EN Register (Offset = 02E0h) [reset = 00h]
DP_EN is shown in Figure 7-120 and described in Table 7-93.
Return to the Register Summary Table.
Datapath Enable.
Figure 7-120. DP_EN Register
7
6
5
4
3
2
1
0
RESERVED
DP_EN
R/W-00h
R/W-0b
Table 7-93. DP_EN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
DP_EN
R/W
0b
Setting this bit enables datapath operation. When cleared, the
datapath is held in reset. This bit should be set after the chip is
configured for proper operation.
Note: This register should only be changed from 0 to 1 when
FUSE_DONE=1.
7.5.3.59 DUC_L Register (Offset = 02E1h) [reset = 00h]
DUC_L is shown in Figure 7-121 and described in Table 7-94.
Return to the Register Summary Table.
DUC Interpolation Factor.
Figure 7-121. DUC_L Register
7
6
5
4
3
2
1
0
RESERVED
DUC_L
R/W-0h
R/W-0h
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
114
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com