Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RS256A Datasheet(PDF) 10 Page - RAMXEED LIMITED

Part # MB85RS256A
Description  256 K (32 K × 8) Bit SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS256A Datasheet(HTML) 10 Page - RAMXEED LIMITED

Back Button MB85RS256A Datasheet HTML 6Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 7Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 8Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 9Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 10Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 11Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 12Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 13Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 14Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MB85RS256A
10
DS501-00007-1v0-E
■ BLOCK PROTECT
Writing protect block is configured by the WRITE command with BP1, BP0 value of the status register.
■ WRITING PROTECT
Writing operation of the WRITE command and the WRSR command are protected with the value of WEL,
WPEN, WP as shown in the table.
■ HOLD OPERATION
Hold status is retained without aborting a command if HOLD is “L” level while CS is “L” level. The timing for
starting and ending hold status depends on the SCK to be “H” level or “L” level when a HOLD pin input is
transited as shown in the diagram below. Arbitrary command operation is interrupted in hold status, SCK
and SI inputs become do not care. And, SO becomes High-Z while reading command (RDSR, READ) . If
CS is risen with hold status, a command is aborted and device is reset.
BP1
BP0
Protected Block
00
None
0
1
6000H to 7FFFH (upper 1/4)
1
0
4000H to 7FFFH (upper 1/2)
1
1
0000H to 7FFFH (all)
WEL
WPEN
WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
SCK
CS
Hold Condition
HOLD
Hold Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com