Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RS256A Datasheet(PDF) 2 Page - RAMXEED LIMITED

Part # MB85RS256A
Description  256 K (32 K × 8) Bit SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS256A Datasheet(HTML) 2 Page - RAMXEED LIMITED

  MB85RS256A Datasheet HTML 1Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 2Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 3Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 4Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 5Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 6Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 7Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 8Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MB85RS256A
2
DS501-00007-1v0-E
■ PIN ASSIGNMENT
■ PIN FUNCTIONAL DESCRIPTIONS
Pin No. Pin Name
Functional description
1CS
Chip Select pin
This is an input pin to make chips select. When CS is “H” level, device is in deselect
(standby) status as long as device is not write status internally, and SO becomes High-
Z. Inputs from other pins are ignored for this time. When CS is “L” level, device is in select
(active) status. CS has to be “L” level before inputting op-code.
3WP
Write Protect pin
This is a pin to control writing to a status register. When WP is “L” level, writing to a status
register is not operated.
7HOLD
Hold pin
This pin is used to interrupt serial input/output without making chips deselect. When
HOLD is “L” level, hold operation is activated, SO becomes High-Z, SCK and SI become
do not care. While the hold operation, CS has to be retained “L” level.
6SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
5SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
2SO
Serial Data Output pin
This is an output pin of serial data. Reading data of FRAM memory cell array and status
register data are output. This is High-Z during standby.
8
VDD
Supply Voltage pin
4
GND
Ground pin
GNDSI
SO
VDD
SCK
WP
CS
HOLD
8
7
6
5
4
3
2
1
(TOP VIEW)
(FPT-8P-M02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com