Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RS256A Datasheet(PDF) 13 Page - RAMXEED LIMITED

Part # MB85RS256A
Description  256 K (32 K × 8) Bit SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS256A Datasheet(HTML) 13 Page - RAMXEED LIMITED

Back Button MB85RS256A Datasheet HTML 9Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 10Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 11Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 12Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 13Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 14Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 15Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 16Page - RAMXEED LIMITED MB85RS256A Datasheet HTML 17Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MB85RS256A
DS501-00007-1v0-E
13
2.
AC Characteristics
(within recommended operating conditions)
AC Test Condition
Power supply voltage
: 3.0 V to 3.6 V
Operation temperature
:
− 40 °C to + 85 °C
Input voltage magnitude : 0.3 V to 2.7 V
Input rising time
: 5 ns
Input falling time
: 5 ns
Input judge level
: VDD/2
Output judge level
: VDD/2
Parameter
Symbol
Value
Unit
Min
Max
SCK clock frequency
fCK
025
MHz
Clock high time
tCH
20
⎯
ns
Clock low time
tCL
20
⎯
ns
Chip select set up time
tCSU
10
⎯
ns
Chip select hold time
tCSH
10
⎯
ns
Output disable time
tOD
⎯
20
ns
Output data valid time
tODV
⎯
18
ns
Output hold time
tOH
0
⎯
ns
Deselect time
tD
60
⎯
ns
Data in rise time
tR
⎯
50
ns
Data fall time
tF
⎯
50
ns
Data set up time
tSU
5
⎯
ns
Data hold time
tH
5
⎯
ns
HOLD set up time
tHS
10
⎯
ns
HOLD hold time
tHH
10
⎯
ns
HOLD output floating time
tHZ
⎯
20
ns
HOLD output active time
tLZ
⎯
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com