Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND100D-SM02-R Datasheet(PDF) 8 Page - Superior Sensors Technology.

Part # ND100D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND100D-SM02-R Datasheet(HTML) 8 Page - Superior Sensors Technology.

Back Button ND100D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
8
10 Interface
10.1 Reset
Reset timing is shown in the diagram below.
The communications method (SPI or I2C) is established during the time just after reset. During this time (tIOD), no communications
should take place.
Also, the internal filters are settling during the time tFRD and data acquired during this time may not be fully settled.
VDD
Reset Timing Diagram
VPORR
Internal Reset
Communications
Available
Filters Settled
VPORF
_RST
tIOD
tFRD
tIOD
tRSTL
tFRD
10.2 Communication Interface Selection
The communications interface is selected by interrogating the nSS pin after the internal power on reset delay. If nSS is high, the SPI
interface will be selected otherwise (if low) the I2C interface will be selected. Grounding the nSS pin is an acceptable method for
selecting the I2C interface. NOTE: The I2C interface supports 10 interface addresses. Refer to section 10.4.1 for the details on I2C
address selection.
10.3 SPI Interface
The SPI interface uses a 16 bit transfer for all communications. Data is MSB first for both MOSI and MISO data transfers. Refer to the
figure below for specific timing requirements.
The data communications has been reduced to a simple 16 bit transfer model for reading the pressure output. Each communication
cycle consists of master sending the Mode and Rate data to be placed into the sensor Mode Register and Rate Registers respectively.
Simultaneously, the sensor sends the pressure data for the master to receive. Refer to the figure below for the data communication
model of the ND Series sensor.
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCK
MOSI
MISO
nSS
tsc
tcc
tbc
tcn
tcs
SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com