Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND100D-SM02-R Datasheet(PDF) 12 Page - Superior Sensors Technology.

Part # ND100D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND100D-SM02-R Datasheet(HTML) 12 Page - Superior Sensors Technology.

Back Button ND100D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 15Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 16Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
12
10.6.2 Rate Control Register
Default Value: 0x1C
The Rate Control Register controls the rate at which the DAV
pin is asserted indicating new data is available. This register
is primarily used to throttle down the actual data transfer
rate (when using the DAV as the trigger to sample) since the
general industrial requirement is less than the internal 444
Hz update rate.
The function of this register is that it is the reload value of a
data rate counter. The value of the Rate Control Register is
the divisor of the 444 Hz internal data rate. Since a divisor of
zero is not possible, a zero value will select the auto-select
rate mode. In this mode, the rate is selected based on the
selected bandwidth limit. The auto rate value is roughly 3x
the corner frequency of the selected bandwidth limit in all
auto selected rates (where possible).
Note: Start-up time for the sensor is approximately 80ms for
the first sample to be settled. Requesting data during this
time will result in invalid information. However, this start-up
time can be used for configuring the Mode and Rate
registers by performing a transfer with the desired Mode
and Rate register values and discarding the received
pressure data. After waiting the required start-up time, the
sensor will respond with desired data since the Mode and
Rate registers have been pre-established.
10.7 Computing Pressure
The pressure data is in the form of 16 bit signed integer sent in high byte then low byte order. This is a differential output by
definition and the data range is ±215. There is a 10% margin in the output scaling and the selected full scale will reside in the 90%
band of the total available output data range. Refer to Equation 1 (below) for the general model for computing the output pressure.
As an example, if the sensor output is 3,647 counts and the selected pressure range is 1.0 inH2O, then the output pressure is 0.124
inH2O. Conversely, for a -3,647 count with the selected pressure range of 1.0 inH2O, the computed output pressure is -0.124 inH2O.
Refer to Example 1 (below) for the specific example computation.
������������������������1:������������������������������������������������2������������=������������������������������������������������������������������������������������������������������������������������
90%∗215
∗������������������������������������������������������������������������������������������������������������������������������������������������������������ ������������������������������������������������������������������������������������1:������������������������������������������������2������������= 3,64790%∗215∗1������������������������������������2������������=0.124������������������������������������2������������
b7
b6
b5
b4
b3
b2
b1
b0
Rate Control Register
0
0
0
0
0
1
0
1
0
0
1
1
1
1
0
1
1
1
Auto Select
444 Hz
222 Hz
148 Hz
1.75 Hz
1.74 Hz
1.0 Hz
2.0 Hz
5.0 Hz
10 Hz
20 Hz
50 Hz
100 Hz
Selected BW Limit
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
444 Hz
148 Hz
63.4 Hz
31.7 Hz
15.3 Hz
6.0 Hz
3.0 Hz
Auto Select Rate
Rate Control Register Detail
200 Hz
444 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com