Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND100D-SM02-R Datasheet(PDF) 10 Page - Superior Sensors Technology.

Part # ND100D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND100D-SM02-R Datasheet(HTML) 10 Page - Superior Sensors Technology.

Back Button ND100D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. ND100D-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
10
10.4.3 I2C Clock Stretching
The figure to the right illustrates the I2C
clock stretching by the sensor. At times, the
sensor requires additional time to respond
to the host and utilizes the clock stretching
feature of the I2C protocol. This is
accomplished by holding the SCL low after
the ACK cycle of a data transfer. Refer to
Section 7.4 for the clock stretching timing.
Note, the maximum clock stretch time will
generally only occur once during the three
ACK cycles of a two byte transfer. That is,
the balance of ACK's during a multi-byte
transfer will generally include the typical clock stretching time.
10.4.4 I2C Bus Compatibility
The I2C specification allows any recessive voltage between 3.0 and 5.0 V. Different devices on the bus may operate at different
voltage levels. However, the maximum voltage on any port pin must conform to the electrical characteristics specifications (See
section 1). The bi-directional SCL (serial clock) and SDA (serial data) lines must be connected to a positive power supply voltage
through a pull-up resistor or similar circuit. Every device connected to the bus must have an open-drain or open-collector output for
both the SCL and SDA lines, so that both are pulled high (recessive state) when the bus is free.
10.5 Extended Data Acquisition
10.5.1 Available Extended Data
For either the SPI or I2C interface, additional data is available beyond the pressure. The means to access this extended data is to
continue reading data (either SPI or I2C) beyond the first 16 bits of pressure information. The following table defines the order of the
available data and respective format.
Data
Bytes
Format
Interpretation
Example
Pressure
1-2
2 byte, Signed Int
See Section 10.7
See Section 10.7
Temperature
3-4
2 byte, Signed Int
Fixed Decimal [8.8 bits], Upper 8
bits integer, lower 8 bits
fractional. Temperature in °C
1880H (18.80H) = 24.5°C
Model
5-12
8 byte, ASCII, null
terminated
Right reading ASCII with null
termination
4EH,44H,30H,30H,35H,44H,00H,xxH = ND005D
Serial Number
13-16
4 byte, Hex
Unique 4 byte serial for each part
2FD627A4H
Build Number
17-22
6 byte, ASCII, null
terminated
Right reading ASCII with null
termination
30H,31H,34H,37H,41H,00H = 0147A
10.5.2 SPI Extended Data Read
Reading the extended data while using the SPI interface is the same as shown in Section 10.3 with exception that the master
continues to read during the same nSS sequence to read all 22 bytes of the extended data. Any portion of the 22 bytes can be read
during the transfer. That is, for example, 4 bytes could be read to acquire only the pressure and temperature information. When
reading the extended data, only the first two bytes sent to the sensor (User Mode and User Rate) are used to set the internal
registers. The subsequent bytes (bytes 5 through 22) are ignored. Data read following the first 22 bytes is undefined.
10.5.3 I2C Extended Data Read
Reading the extended data via the I2C interface is similar to using the SPI interface where the master can simply continue to reading
the sensor during the pressure reading transfer. The master continues Ack'ing until the number of desired bytes are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com