Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2SSTV8575ACT Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY2SSTV8575ACT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV8575ACT Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY2SSTV8575ACT Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY2SSTV8575
Rev 1.0, November 25, 2006
Page Page 4 of
Figure 2. Clock Structure 2[2]
Figure 3. Differential Signal Using Direct Termination Resistor
Governing Agencies
The following agencies provide specifications that apply to the CY2SSTV8575. The agency name and relevant specification is
listed below;
Agency Name .......................................................................
Specification
JEDEC................................................................. MS - 026-C
Note:
2. Output load capacitance for 4 DDR-SDRAM loads: 10 pF < CL < 16 pF.
DDR-SDRAM
PLL
FBIN
FBIN#
120 Ohm
120 Ohm
CLK
CLK#
DDR-SDRAM
Stack
DDR-SDRAM
Stack
120 Ohm
VTR
VCP
0.3"
= 2.5"
= 0.6" (Split to Terminator)
DDR-SDRAM represents
a capacitive load
FBOUT#
FBOUT
DDR-SDRAM
DDR-SDRAM
DDR-SDRAM
Yx#
Yx
60 O hm
Receiver
VC P
VT R
R
T = 120 O h m
VDD
OU T
OU T #
VD D
60 O hm
14 pF
14 pF
VDD /2
VDD/2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com