Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2SSTV8575ACT Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY2SSTV8575ACT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV8575ACT Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY2SSTV8575ACT Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV8575ACT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY2SSTV8575
Rev 1.0, November 25, 2006
Page Page 5 of
Absolute Maximum Ratings
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD (VDDQ Voltage)
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDDQ).
Notes:
3. Unused inputs must be held high or low to prevent them from floating.
4. All outputs switching loaded with 16pF in 60
environment. See Figure 3.
Table 2.
Parameter
Description
Conditions
Min.
Max.
Unit
Vdd
Supply Voltage
Non Functional
–0.3
3.5
VDC
VDD
Operating Voltage
Functional
2.38
2.63
VDC
Vin
Input Voltage
Relative to VSS
–0.3
2.63
VDC
Vout
Output Voltage
Relative to VSS
–0.3
2.63
VDC
Ts
Temperature, Storage
Non Functional
–65
150
°C
Ta
Temperature, Operating Ambient
Functional
0
+85
°C
ØJc
Dissipation, Junction to Case
Functional
–
18
°C/W
ØJa
Dissipation, Junction to Ambient
Functional
–
48
°C/W
ESDh
ESD Protection (Human Body Model)
–
2K
Volts
FIT
Failure in Time
Manufacturing test
–
10
ppm
DC Parameters (AVDD = VDDO = 2.5 ±5%, Temperature = 0°C to +85°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Voltage, Low[3]
OE
–
–
0.75
V
VIH
Input Voltage, High[3]
1.75
–
–
V
VOL
Output Voltage, Low
VDDQ = 2.375V, IOL = 12 mA
–
–
0.6
V
VOH
Output Voltage, High
VDDQ = 2.375V, IOH = –12 mA
1.7
–
–
V
IOL
Output Low Current
VDDQ = 2.375V, VOUT = 1.2V
26
35
–
mA
IOH
Output High Current
VDDQ = 2.375V, VOUT = 1V
28
–32
–
mA
IDDQ
Dynamic Supply Current[4]
ALL VDDQ, FO = 170 MHz
–
235
300
mA.
IPDS
Power Down Current
OE = 0 or CLK/CLK# 20 MHz
–
–
100
µA.
Cin
Input pin capacitance
–
–
4
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com