Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4955 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4955
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955 Datasheet(HTML) 1 Page - STMicroelectronics

  L4955 Datasheet HTML 1Page - STMicroelectronics L4955 Datasheet HTML 2Page - STMicroelectronics L4955 Datasheet HTML 3Page - STMicroelectronics L4955 Datasheet HTML 4Page - STMicroelectronics L4955 Datasheet HTML 5Page - STMicroelectronics L4955 Datasheet HTML 6Page - STMicroelectronics L4955 Datasheet HTML 7Page - STMicroelectronics L4955 Datasheet HTML 8Page - STMicroelectronics L4955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
L4955
5A ULDO LINEAR REGULATORS FAMILY
UP TO 5A OUTPUT CURRENT
±2% PRECISE OUTPUT VOLTAGES
FAST TRANSIENT RESPONSE
0.75V TYP. DROP OUT VOLTAGE AT 5A
OPERATING INPUT VOLTAGE FROM 4.5V
ADJUSTABLE VERSION:
• VO = 1.26V
• INHIBIT (IQ = 120µA TYP.)
• POWER GOOD
• PROGRAMMABLE CURRENT LIMIT
• HEPTAWATT PACKAGE
FIXED VERSION:
• 3.3V, 5.1V OUTPUTS
• VERSAWATT PACKAGE
VERY LOW QUIESCENT CURRENT
SHORT CIRCUIT PROTECTION (Foldback
function)
THERMAL SHUTDOWN
APPLICATIONS
PENTIUM
™ AND POWER PC™ SUPPLIES
POST REGULATOR FOR SMPS
LOW COST SOLUTION FOR 5V TO 3.3V
CONVERSION
LOW COST BATTERY CHARGER
CONSTANT CURRENT REGULATOR
SUITABLE
FOR
APPLICATION
WITH
STANDBY FEATURE
DESCRIPTION
The L4955 is a family of monolithic ultra very low
drop linear regulators designed to supply the
most recent microprocessors.
The dropout voltage is only 0.75V (Typ.) at 5A, di-
rectly dependent on the output current conditions.
Realized in BCDII technology, it has on board a
charge pump to properly drive an N-channel
power mos Transistor with 150m
Ω of RDSON.
It operates from a 4.5V minimum supply, with a
very low quiescent current irrespective of the
load; a minimum of 22
µF output capacitor is re-
quired for stability.
The on-chip trimming techniques improve the pre-
cision of the available output voltages to
±2%.
Ancillary functions like power good, inhibit with
low power consumption, programmable output
voltage and current limiting make the flexible
heptawatt version usable in applications where
power management, stand-by, features, post
regulation and adjustable current generators for
battery chargers are important.
February 1999
®
TYPICAL APPLICATIONS
HEPTAWATT
VERSAWATT
(TO-220)
MULTIPOWER BCD TECHNOLOGY
ORDERING
NUMBERS
OUTPUT
VOLTAGE
PACKAGE
L4955
1.26V ADJ
HEPTAWATT
L4955V3.3
3.3V
VERSAWATT
L4955V5.1
5.1V
VERSAWATT
L4955
CL
GND
ADJ
OUT
IN
INH
PG
7
5
24
6
3
1
C1
VIN
R1
R2
C2
VOUT
D97IN589
L4955VXXX
GND
OUT
IN
3
2
1
C1
VIN
C2
VOUT
D97IN590
1/14


Similar Part No. - L4955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952 STMICROELECTRONICS-L4952 Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
logo
National Semiconductor ...
L4952TS NSC-L4952TS Datasheet
713Kb / 20P
3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
STMicroelectronics
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
More results

Similar Description - L4955

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4957 STMICROELECTRONICS-L4957 Datasheet
63Kb / 7P
UP TO 4A ULDO LINEAR REGULATOR
Feb-2000
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
UP TO 5A ULDO LINEAR REGULATOR
May-2000
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
L4957AD-3.3 STMICROELECTRONICS-L4957AD-3.3 Datasheet
134Kb / 12P
Up to 5A ULDO linear regulator
20-Apr-2006
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com