Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4955 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4955
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955 Datasheet(HTML) 5 Page - STMicroelectronics

  L4955 Datasheet HTML 1Page - STMicroelectronics L4955 Datasheet HTML 2Page - STMicroelectronics L4955 Datasheet HTML 3Page - STMicroelectronics L4955 Datasheet HTML 4Page - STMicroelectronics L4955 Datasheet HTML 5Page - STMicroelectronics L4955 Datasheet HTML 6Page - STMicroelectronics L4955 Datasheet HTML 7Page - STMicroelectronics L4955 Datasheet HTML 8Page - STMicroelectronics L4955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
- 4 0
0
40
80
12 0
160
1. 2 4
1. 2 4 5
1. 2 5
1. 2 5 5
1. 2 6
1. 2 6 5
1. 2 7
1. 2 7 5
1. 2 8
Tj [
°C]
Vout [V ]
V in = 12V
Io ut= 1 0m A
Figure 2: Output Voltage Stability vs. Junction
Temperature
-4 0 -20
0
2 0
4 0
6 0
8 0 100 120 140 160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Tj [
°C]
4 .5V <V in<2 2V
Iout= 10m A
Figure 3: Line Regulation vs. Junction
Temperature
012
345
-5
-4
-3
-2
-1
0
1
2
3
4
5
Io u t [ A ]
Vin = 1 2 V
Tj = 2 5
° C
( P u lse d t e c h n iq ue ha s b e e n u s e d)
Vo u t = V AD J
Figure 4: Load Regulation
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
0
1
2
3
4
5
6
7
8
(V in - Vou t) [V ]
O u tput C ur rent [A ]
Vin > 4.5V
T j = 125
°C
Pow er D is sip ation Lim it
Tc = 25
°C
P dm ax = 40W
C urr ent Lim itatio n
Tc = 70
°C
P dm ax = 22W
D C O perating A re a
Rdson
lim it
Figure 1: L4955 DC Operating Area
0
123
45
6
0
0. 2 5
0. 5
0. 7 5
1
1. 2 5
I out [ A ]
T j = 125
°C
Tj = 2 5
° C
Tj = - 4 0
° C
P u l s ed t e c h niq u e has b een us ed
Figure 5: Dropout Voltage
*P ulsed tecnique ha s been used
-4 0 -20
0
2 0
4 0
6 0
8 0
100 120 140 160
0
1
2
3
4
5
6
7
8
9
10
Tj [
°C]
O utp ut C urre n t [A]
(Vin-Vout) > 2 V
pin 2 = G ND
Figure 6: Maximum OutputCurrent vs. Junction
Temperaturewith internal current limiting
L4955
L4955
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com