Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4955 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4955
Description  5A ULDO LINEAR REGULATORS FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4955 Datasheet(HTML) 3 Page - STMicroelectronics

  L4955 Datasheet HTML 1Page - STMicroelectronics L4955 Datasheet HTML 2Page - STMicroelectronics L4955 Datasheet HTML 3Page - STMicroelectronics L4955 Datasheet HTML 4Page - STMicroelectronics L4955 Datasheet HTML 5Page - STMicroelectronics L4955 Datasheet HTML 6Page - STMicroelectronics L4955 Datasheet HTML 7Page - STMicroelectronics L4955 Datasheet HTML 8Page - STMicroelectronics L4955 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
L4955 - ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vin = 12V, unless otherwise specified).
= Specificationsreferred to T
J from 0
°C to +125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIN
Operating Supply Voltage
4.5
22
V
VO
Output Voltage (1)
0.1A < IO < 5A; 4.5V < VIN <12V
1.235
1.26
1.285
V
4.5V < VIN < 12V; 0.1A < IO <5A
1.222
1.26
1.298
V
∆VO
Line regulation
(1)
4.5V < VIN <22V; IO = 10mA
2
10
mV
∆VO
Load regulation (1)
0.1A < IO < 5A
2
10
mV
VO
Dropout Voltage
IO =5A
VIN
≥ 4.5V
0.75
1.1
V
1.1
1.5
V
IO =2A
0.55
0.75
V
IO
Current Limiting
5.1
6.3
7.5
A
Short Circuit Current
VO =0V
1.8
A
Programmable Current
Limiting
Rlim = 13k
Rlim = 47k
2.55
0.70
3
0.85
3.45
1.00
A
A
IQ
Quiescent Current
0.1A < IO <5A
CL =0
CL = 13k
2
2.7
3
4
mA
mA
Stand By Current
INH = 5V
120
200
µA
Inhibit Threshold
Rising Edge
1.1
1.26
1.42
V
Inhibit Hysteresis
0.2
V
Inhibit Bias Sink Current
INH = 5V or 0.8V
20
60
µA
Power Good Threshold
Rising Edge
0.9 x VO
V
Power Good Hysteresis
0.2
V
Power Good Saturation
IPG = 4mA
0.1
0.4
V
Ripple Rejection
f = 120Hz, IO =5A
VIN =6V
∆VIN =2VPP
60
75
dB
(1) Output voltage connected to ADJ.
THERMAL DATA (HEPTAWATT & VERSAWATT packages)
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
2.5
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
50
°C/W
Thermal Shutdown
Typ.
150
°C
Thermal Hysteresis
Typ.
20
°C
PIN FUNCTIONS
HW
VW
Name
Fun ction
1
1
IN
Unregulated input voltage; this pin must be bypassed with a capacitor larger than 10
µF.
2
CL
A resistor connected between this pin and ground sets the programmable current limiting
value. When the programmable current limiting is not used the pin must be connected to GND.
3
INH
TTL-CMOS input. A logic high level on this input disables the device. An internal pull-down
insures full functionally even if the pin is open.
4
2
GND
Ground.
5
ADJ
The output is connected directly to this terminal for 1.26V operation; it is connected to the
output through a resistive divider for higher voltages.
6
PG
Open drain output, this signal is low when the output voltage is lower than 90%, otherwise is high.
7
3
OUT
Regulated output voltage. A minimum bypass capacitor of 22
µF is required to insure stability.
L4955
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com