Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL2262AM Datasheet(PDF) 1 Page - Treasure Link Technology Ltd.

Part # TL2262AM
Description  39 Remote control encoding circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TL [Treasure Link Technology Ltd.]
Direct Link  
Logo TL - Treasure Link Technology Ltd.

TL2262AM Datasheet(HTML) 1 Page - Treasure Link Technology Ltd.

  TL2262AM Datasheet HTML 1Page - Treasure Link Technology Ltd. TL2262AM Datasheet HTML 2Page - Treasure Link Technology Ltd. TL2262AM Datasheet HTML 3Page - Treasure Link Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Treasure Link Technology Ltd.
兆 通 科 技 有 限 公 司
TL2262R
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正)
Ver 2.02
Page 1 of 3
TL2262R
3
9 遥控编码电路
简 介
TL2262R 是 CMOS 工艺制造的编码电路,地址码可设定为三种状态“0”,“1”,“F”(悬空),用户可更改为
不同的地址码
;TL2262R 具有省电模式,可用于无线电和红外线遥控发射。
特 点
◎
CMOS 工艺制造,低功耗
◎ 工作电压范围宽:
2.4V~15V
◎ 地址码最多可达
19,683 种及 1 位数据码
◎ 应用于无线电遥控门铃发射
IC
◎ 外部应用线路组件少
◎
SOP 16 PIN 封装
应用范围
◎ 车辆防盗系统
◎ 家庭防盗系统
◎ 遥控玩具
◎ 其它遥控系统
引脚图
供货封装规格
芯片型号
封装形式
芯片型号
封装形式
TL2262R
16 Pin DIP
TL2262AM
16 Pin SOP
A6
A2
A1
TL2262R
A5
A4
A3
A0
VDD
A8
16
15
14
13
12
7
6
5
4
3
2
1
9
8
A7
VSS
11
10
D0
TE
OSC2
OSC1
SO


Similar Part No. - TL2262AM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL22 3M-TL22 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
TL22 3M-TL22 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
List of Unclassifed Man...
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
More results

Similar Description - TL2262AM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
Integrated Circuit Remote Control Receiver
logo
SHANGHAI BELLING CO., L...
BL50462 BELLING-BL50462 Datasheet
30Kb / 2P
Remote Control Transmit Circuit
logo
Unisonic Technologies
UT8803 UTC-UT8803 Datasheet
209Kb / 6P
PIR INFRARED REMOTE CONTROL CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
FM1527 FUMAN-FM1527 Datasheet
238Kb / 5P
Remote control coding circuit
GC2262D FUMAN-GC2262D Datasheet
204Kb / 6P
Remote control coding circuit
TC369B FUMAN-TC369B Datasheet
169Kb / 3P
Remote control coding circuit
TC2260 FUMAN-TC2260 Datasheet
384Kb / 6P
Remote control coding circuit
logo
Silvan Chip Electronics...
CIR2272GM SILVAN-CIR2272GM Datasheet
441Kb / 2P
Wireless remote control decoding circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com