Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL2262AM Datasheet(PDF) 3 Page - Treasure Link Technology Ltd.

Part # TL2262AM
Description  39 Remote control encoding circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TL [Treasure Link Technology Ltd.]
Direct Link  
Logo TL - Treasure Link Technology Ltd.

TL2262AM Datasheet(HTML) 3 Page - Treasure Link Technology Ltd.

  TL2262AM Datasheet HTML 1Page - Treasure Link Technology Ltd. TL2262AM Datasheet HTML 2Page - Treasure Link Technology Ltd. TL2262AM Datasheet HTML 3Page - Treasure Link Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Treasure Link Technology Ltd.
兆 通 科 技 有 限 公 司
TL2262R
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正)
Ver 2.02
Page 3 of 3
A2
A4
A3
1.5P
1N4148
1N4148
应用原理图
12V
A0
A1
A6
VDD
OSC1
TEB
A8
1
2
3
4
5
6
7
8
9
10
11
12
16
15
14
13
TL2262R
A5
A7
SO
OSC2
D0
VSS
103
180K
+
100uF
SAW
3EM
门铃触发
39K
433A
100K
5.1K
1N4148
5P
150
9012
150K
10K
564
1.5M
1.5M
9014
LED
103
10uH
1.5P*
9014
门铃选曲
104



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com