Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H50N20HD Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H50N20HD
Description  N-Channel 200V50A MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H50N20HD Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H50N20HD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
H50N20HD
Features
• Low R
& FOM
(
)
D S o n
• Extremely low switching loss
• Excellent reliability and uniformity
• Fast switching and soft recovery
Product Name
Package
Marking
H50N20HD
TO-252
Absolute Maximun Ratings
°C
(
)
T =25
unless otherwise specified
J
Marking Information
Parameter
V
A
Unit
VDS
VGS
ID
PD
T ,T
J
S T G
Symbols
Drain-Source Voltage
Gate-Source Voltage
( 1 )
Continuous Drain Current
, T =25°C
C
( 3 )
Power dissipation
, T =25°C
C
Operating Junction and Storage Temperature
200
±20
50
200
186
-55 ~ +175
Value
V
w
°C
A
Packing
Qty.
( 2 )
Pulsed drain current
, T =25 °C
C
50
A
( 1 )
Continuous diode forward current
, T =25°C
C
ID,pulse
EAS
( 5 )
Single pulsed avalanche energy
120
mJ
Thermal Characteristics
Parameter
Unit
Symbols
Thermal Resistance from Junction to Case
Typ.
0.8
°C/W
62
R
θ J C
R
θ J A
( 4 )
Thermal Resistance from Junction to Ambient
IS
200
A
( 2 )
Diode pulsed current , T =25°C
C
IS,pulse
Min.
Max.
N-Channel 200V50A MOSFET
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 1 of 5
Applications:
• PD charger
• Motor driver
• Switching voltage regulator
• DC-DC convertor
• Switching mode power supply
V
= 200 V
D S
R
= 28 mΩ (Typ)
( o n )
D S
(
)
I = 50A T =25°C
D
C
TO-252
D
G
S
D
G
S
H50N20HD
Tape&reel
2500 PCS


Similar Part No. - H50N20HD

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H50N20HDC HUIXIN-H50N20HDC Datasheet
609Kb / 6P
200V SGT N-Channel MOSFET
More results

Similar Description - H50N20HD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com