Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H50N20HD Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H50N20HD
Description  N-Channel 200V50A MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H50N20HD Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H50N20HD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(
)
Electrical Characteristics T =25
unless otherwise specified
J
°C
Parameter
V
Unit
V(BR)DSS
VGS(th)
IDSS
Ciss
Symbols
Drain-Source Breakdown Voltage
Gate Threshold Voltage
200
Typ.
Test Conditions
V
=0, I =250μA
G S
D
td(on)
tf
Max.
Min.
V
3.0
4.5
V
=V
, I =250μA
G S
D S
D
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
V
=0, V
=±20V
D S
G S
nA
±100
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
pF
V
=0
G S
V
=100V
D S
f=100kHz
Turn-On Delay Time
Rise Time
Turn-Of f Delay Time
Fall Time
ns
V
=100V
D S
V
=10V
G S
I =20A
D
R
=2Ω
(
)
G e x t
Total Gate Charge
Gate to Source Charge
(
)
Gate to Drain Miller Charge
nC
V
=100V
D S
V
=10V
G S
I =20A
D
μA
V
=100V, V
=0,T =25°C
D S
G S
J
1.0
Body Diode Characteristics
Parameter
Unit
VSD
Symbols
Diode Forward Voltage
Typ.
Test Conditions
V
=0, I =20A
G S
S
Max.
V =100V
R
I =20Α
S
di/dt=100A/μs
ns
nC
Qrr
Reverse Recover Time
Reverse Recovery Charge
Min.
V
RDS(on)
Drain-Source On-State Resistance
28
32
mΩ
V
=10V, I =25A
G S
D
IGSS
Gate resistance
RG
f = 1 MHz, Open drain
Ω
Coss
Crss
Gate plateau voltage
Vplateau
V
Qg
Qgs
Qgd
tr
td(off)
1.2
A
Irrm
Peak reverse recovery current
trr
Note
( )
1
Calculated continuous current based on maximum allowable junction temperature.
( )
2
Repetitive rating; pulse width limited by max. junction temperature.
( )
3
Pd is based on max. junction temperature, using junction-case thermal resistance.
2
( )
4 The value of R
is measured with the device mounted on 1 in FR-4 board with 2oz. Copper,
θ J A
in a still air environment with T =25 °C.
A
( )
5
V
=50V, V
=10 V, L=0.3 mH, starting T =25 °C
D D
G S
J
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 2 of 5
3.8
7.8
2038
218
16
9.3
22
7.5
30
12
8
5.7
2.0
102
385
5.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com