Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H50N20HD Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H50N20HD
Description  N-Channel 200V50A MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

H50N20HD Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  H50N20HD Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. H50N20HD Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics Diagrams
www.hxkj.hk
+86-769-23622090
huixin@hxkj.hk
Rev.02
Page 3 of 5
Fig.3 Typical Gate-Charge
(
)
Gate-Charge-Q
nC
g
0
20
2
10
4
6
8
10
12
0
30
V =100V
D S
I =20A
D
5
15
25
35
Fig.1
output characteristics
Typical
0
( )
Drain-Source Voltage-V
V
D S
50
0
2
100
4
6
25
75
8
10
T =25
°C
J
μs
tp=﹤200
V =9V
G S
V =5V
G S
V =8V
G S
V =6V
G S
V =7V
G S
( )
Drain-Source Voltage-V
V
D S
50
100
150
200
Fig.2 Typical Capacitance vs. D-S Voltage
0
1
10
2
10
3
10
4
10
0
10
V =0
G S
f =100kHz
Crss
Coss
Ciss
Fig.4 Drain-source on-state resistance
-25
75
125
(
)
Junction Temperature-T
°C
J
175
100
50
25
0
-50
150
15
20
25
30
35
40
V =10V
G S
I =25A
D
45
50
Fig.5 Drain-source on-state resistance
( )
Drain current-I
A
D
0
100
25
50
V =7V
G S
V =8V
G S
V =6V
G S
V =5V
G S
V =10V
G S
50
75
40
30
20
60
70
V =10V
G S
Fig.6 Threshold voltage vs. Temperature
-25
75
125
(
)
Junction Temperature-T
°C
J
175
100
50
25
0
-50
150
2.0
2.5
3.0
3.5
4.0
V =V
G S
D S
I =25
0μA
D
4.5
5.0
5.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com