Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDB36-24-21PN-059 Datasheet(PDF) 29 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 29 Page - TE Connectivity Ltd

Back Button HDB36-24-21PN-059 Datasheet HTML 25Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 26Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 27Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 28Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 29Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 30Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 31Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 32Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 33Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 29
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
2.5 mm
Socket housing, Circular DIN, 4 way, 3 key, green
3-967325-1
N/A
2.5 mm
Socket housing, Circular DIN, 4 way, 4 key, blue
4-967325-1
N/A
DT Series
16
Recept., DT, 4 way, gray
DT04-4P
W4P
16
Recept., DT, 4 way, gray, reduced dia. seals
DT04-4P-C015
W4P
16
Recept., DT, 4 way, gray, solid rear grommet
DT04-4P-C017
N/A
16
Recept., DT, 4 way, gray, reduced dia. seals, end cap
DT04-4P-CE01
W4P
16
Recept., DT, 4 way, black, reduced dia. seals
DT04-4P-CE02
W4P
16
Recept., DT, 4 way, black, reduced dia. seals, end cap
DT04-4P-CE03
W4P
16
Recept., DT, 4 way, gray, reduced dia. seals, shrink boot adapter
DT04-4P-CE04
W4P
16
Recept., DT, 4 way, black, reduced dia. seals, shrink boot adapter
DT04-4P-CE09
W4P
16
Recept., DT, 4 way, gray, reduced dia. seals, flange
DT04-4P-CL03
W4P
16
Recept., DT, 4 way, gray, end cap
DT04-4P-E003
W4P
16
Recept., DT, 4 way, black
DT04-4P-E004
W4P
16
Recept., DT, 4 way, black, end cap
DT04-4P-E005
W4P
16
Recept., DT, 4 way, gray, shrink boot adapter
DT04-4P-E008
W4P
16
Recept., DT, 4 way, black, (1) 4 pin buss, nickel contacts
DT04-4P-EP13
Included
16
Recept., DT, 4 way, gray, welded flange
DT04-4P-L012
W4P
16
Recept., DT, 4 way, black, welded flange, end cap
DT04-4P-LE11
W4P
16
Recept., DT, 4 way, black, round housing, end cap, one piece design
DT04-4P-LE13
W4P
16
Recept., DT, 4 way, gray, (1) 4 pin buss, nickel contacts
DT04-4P-P021
Included
16
Recept., DT, 4 way, black, molded-in diode (MUR460)
DT04-4P-RT01
N/A
16
Recept., DT, 4 way, gray, two molded-in diodes (MUR460)
DT04-4P-RT03
N/A
16
Plug, DT, 4 way, gray
DT06-4S
W4S
16
Plug, DT, 4 way, gray, reduced dia. seals
DT06-4S-C015
W4S
16
Plug, DT, 4 way, gray, solid rear grommet
DT06-4S-C017
Included
16
Plug, DT, 4 way, gray, reduced dia. seals, end cap
DT06-4S-CE01
W4S
16
Plug, DT, 4 way, black, reduced dia. seals
DT06-4S-CE02
W4S
16
Plug, DT, 4 way, gray, reduced dia. seals, shrink boot adapter
DT06-4S-CE04
W4S
16
Plug, DT, 4 way, black, enhanced seal ret., reduced dia. seals, end cap
DT06-4S-CE05
W4S-P012
16
Plug, DT, 4 way, black, enhanced seal ret., reduced dia. seals
DT06-4S-CE06
W4S-P012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com