Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDB36-24-21PN-059 Datasheet(PDF) 89 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 89 Page - TE Connectivity Ltd

Back Button HDB36-24-21PN-059 Datasheet HTML 85Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 86Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 87Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 88Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 89Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 90Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 91Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 92Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 93Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 89
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.3 mm
Header, AMPSEAL, 35 way, D key, blue, 90° molded tin pins, PCB mount, without seal
776180-5
N/A
1.3 mm
Header, AMPSEAL, 35 way, D key, blue, 90° molded tin pins, PCB mount, with seal
776163-5
N/A
1.3 mm
Header, AMPSEAL, 35 way, D key, blue, 90° molded gold pins, PCB mount, without seal
1-776180-5
N/A
1.3 mm
Header, AMPSEAL, 35 way, D key, blue, 90° molded gold pins, PCB mount, with seal
1-776163-5
N/A
1.3 mm
Header, AMPSEAL, 35 way, E key, orange, 180° molded gold pins, PCB mount, with seal
1-776231-6
N/A
1.3 mm
Header, AMPSEAL, 35 way, E key, orange, 90° molded gold pins, PCB mount, without seal
1-776180-6
N/A
1.3 mm
Header, AMPSEAL, 35 way, E key, orange, 90° molded gold pins, PCB mount, with seal
1-776163-6
N/A
1.3 mm
Plug, AMPSEAL, 35 way, A key, black
776164-1
Included
1.3 mm
Plug, AMPSEAL, 35 way, B key, natural
776164-2
Included
1.3 mm
Plug, AMPSEAL, 35 way, C key, gray
776164-4
Included
1.3 mm
Plug, AMPSEAL, 35 way, D key, blue
776164-5
Included
1.3 mm
Plug, AMPSEAL, 35 way, E key, orange
776164-6
Included
HD30 Series
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal
HD34-24-35PN
N/A
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal, cable clamp
HD34-24-35PN-059
N/A
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal, adapter
HD34-24-35PN-072
N/A
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal, reverse
HD34-24-35SN
N/A
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal, reverse, cable clamp
HD34-24-35SN-059
N/A
32 sz. 20, 3 sz. 16
Recept., HD30, 24 shell, 35 way, N seal, reverse, adapter
HD34-24-35SN-072
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal, reverse
HD36-24-35PN
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal, reverse, cable clamp
HD36-24-35PN-059
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal, reverse, adapter
HD36-24-35PN-072
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal
HD36-24-35SN
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal, cable clamp
HD36-24-35SN-059
N/A
32 sz. 20, 3 sz. 16
Plug, HD30, 24 shell, 35 way, N seal, adapter
HD36-24-35SN-072
N/A
HDB Series
32 sz. 20, 3 sz. 16
Plug, HDB30, 24 shell, 35 way, N seal, reverse, breakaway
HDB36-24-35PN
N/A
32 sz. 20, 3 sz. 16
Plug, HDB30, 24 shell, 35 way, N seal, reverse, breakaway, cable clamp
HDB36-24-35PN-059
N/A
32 sz. 20, 3 sz. 16
Plug, HDB30, 24 shell, 35 way, N seal, breakaway
HDB36-24-35SN
N/A
HDP20 Series
32 sz. 20, 3 sz. 16
Recept., HDP20, 24 shell, 35 way, black, E seal
HDP24-24-35PE
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com