Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDB36-24-21PN-059 Datasheet(PDF) 36 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 36 Page - TE Connectivity Ltd

Back Button HDB36-24-21PN-059 Datasheet HTML 32Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 33Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 34Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 35Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 36Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 37Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 38Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 39Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 40Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 36
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, cavities 1, 2, 5, 6 blocked, cable clamp
HD36-18-6SN-C030-
059
N/A
HDP20 Series
4 sz. 16, 2 sz. 4
Recept., HDP20, 18 shell, 6 way, black, N seal
HDP24-18-6PN
N/A
2 sz. 4
Recept., HDP20, 18 shell, 6 way, black, N seal, cavities 1, 2, 5, 6 blocked
HDP24-18-6PN-C030
N/A
4 sz. 16, 2 sz. 4
Recept., HDP20, 18 shell, 6 way, black, N seal, ring adapter
HDP24-18-6PN-L017
N/A
4 sz. 16, 2 sz. 4
Plug, HDP20, 18 shell, 6 way, black, N seal
HDP26-18-6SN
N/A
2 sz. 4
Plug, HDP20, 18 shell, 6 way, black, N seal, cavities 1, 2, 5, 6 blocked
HDP26-18-6SN-C030
N/A
2 sz. 4
Plug, HDP20, 18 shell, 6 way, black, N seal, cavities 1, 2, 5, 6 blocked, threaded adapter
HDP26-18-6SN-CL21
N/A
4 sz. 16, 2 sz. 4
Plug, HDP20, 18 shell, 6 way, black, N seal, ring adapter
HDP26-18-6SN-L017
N/A
HDSCS
1.5K
Tab housing, HDSCS, 6 way, group B, 1 key, black, sealed flange
1-1703820-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 1 key, black
1-1703773-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 2 key, gray, sealed flange
2-1703820-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 2 key, gray
2-1703773-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 3 key, green, sealed flange
3-1703820-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 3 key, green
3-1703773-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 4 key, blue, sealed flange
4-1703820-1
Included
1.5K
Tab housing, HDSCS, 6 way, group B, 4 key, blue
4-1703773-1
Included
1.5K
Recept. housing, HDSCS, 6 way, group B, 1 key, black, black key
1-1418469-1
Included
1.5K
Recept. housing, HDSCS, 6 way, group B, 2 key, black, gray key
2-1418469-1
Included
1.5K
Recept. housing, HDSCS, 6 way, group B, 3 key, black, green key
3-1418469-1
Included
1.5K
Recept. housing, HDSCS, 6 way, group B, 4 key, black, blue key
4-1418469-1
Included
2.8
Recept. housing, HDSCS, 6 way, group C, 1 key, black, black key
1-1418437-1
Included
2.8
Recept. housing, HDSCS, 6 way, group C, 2 key, black, gray key
2-1418437-1
Included
2.8
Recept. housing, HDSCS, 6 way, group C, 3 key, black, green key
3-1418437-1
Included
2.8
Recept. housing, HDSCS, 6 way, group C, 4 key, black, blue key
4-1418437-1
Included
7 CAVITY CONNECTORS
HDP20 Series
4 sz. 16, 3 sz. 4
Recept., HDP20, 24 shell, 7 way, black, N seal, 5960-203-04141 contact only
HDP24-24-7PN-C038
N/A
4 sz. 16, 3 sz. 4
Recept., HDP20, 24 shell, 7 way, black, N seal, 5960-203-04141 contact only, wide threaded
adapter
HDP24-24-7PN-CL22
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com