Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDB36-24-21PN-059 Datasheet(PDF) 113 Page - TE Connectivity Ltd

Part # HDB36-24-21PN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-21PN-059 Datasheet(HTML) 113 Page - TE Connectivity Ltd

Back Button HDB36-24-21PN-059 Datasheet HTML 109Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 110Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 111Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 112Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 113Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 114Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 115Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 116Page - TE Connectivity Ltd HDB36-24-21PN-059 Datasheet HTML 117Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 113
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, HDP20, used with L017, 18 shell, 180°, NW 13, 17, & 19 mm tubing
2428-016-1805
Backshell, HDP20, used with L024, 24 shell, 180°, tie wrap end bell
2428-024-2405
Backshell, HDP20, used with L024, 18 shell, 180°, tie wrap end bell
2428-025-1805
STRIKE Series
Backshell, STRIKE, FL size arrangements, 90°, NW 22 & 26 mm tubing
SRK-BS-FL-90-001
Backshell, STRIKE, FL size arrangements, 90°, NW 26 mm tubing
SRK-BS-FL-90-002
Backshell, STRIKE, FL size arrangements, 180°, NW 22 mm tubing
SRK-BS-FL-ST-001
Backshell, STRIKE, FL size arrangements, 180° NW 26 mm tubing
SRK-BS-FL-ST-002
Backshell, STRIKE, MD size arrangements, 90°, NW 17 & 22 mm tubing
SRK-BS-MD-90-001
Backshell, STRIKE, MD size arrangements, 90°, NW 22 mm tubing
SRK-BS-MD-90-002
Backshell, STRIKE, MD size arrangements, 180°, NW 17 mm tubing
SRK-BS-MD-ST-001
Backshell, STRIKE, MD size arrangements, 180°, NW 22 mm tubing
SRK-BS-MD-ST-002
BOOTS
Attachment for the rear of the connector to provide strain relief, environmental protection, and/or improved aesthetics
AEC Series
Boot, AEC, 40 way, for plug or recept., step down design, black
AEC40-BT-STPDWN
DRB Series
Boot, DRB, 48 and 60 way, plug or recept., black
DRB48-60-BT
Boot, DRB, 102 and 128 way, plug or recept. with wire router, black
DRB102-BT
Boot, DRB, 102 and 128 way, plug or recept. with wire router, 90°, black
DRB102-BT-90DEG
DRC Series
Boot, DRC, 24 way, for plug or recept. w/ sz. 16 contacts, black
DRC24-BT
Boot, DRC, 24 way, for plug or recept. w/ sz. 16 contacts, yellow
DRC24-BT-YW
Boot, DRC, 24 way, for plug w/ sz. 20 contacts, black
DRC26-24BT
Boot, DRC, 40 way, for plug or recept. w/ sz. 16 contacts, black
DRC40-BT
Boot, DRC, 40 way, for plug or recept. w/ sz. 16 contacts, gray
DRC40-BT-GRAY
Boot, DRC, 40 way, for plug or recept. w/ sz. 16 contacts, yellow
DRC40-BT-YW
Boot, DRC, 40 way, for plug or recept. w/ sz. 16 contacts, 90° w/ drain hole, black
DRC40-BT-90DEG
Boot, DRC, 40 way, for plug w/ sz. 20 contacts, black
DRC26-40BT
Boot, DRC, 50 way, for plug w/ sz. 20 contacts, black
DRC26-50BT
Boot, DRC, 70 way, for plug or recept. w/ sz. 16 contacts, black
DRC70-BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com