Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6258 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6258
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 4Page - STMicroelectronics L6258 Datasheet HTML 5Page - STMicroelectronics L6258 Datasheet HTML 6Page - STMicroelectronics L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics L6258 Datasheet HTML 10Page - STMicroelectronics L6258 Datasheet HTML 11Page - STMicroelectronics L6258 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Charge Pump Circuit
To ensure the correct driving of the high side driv-
ers a voltage higher than Vs is supplied on the
Vboot pin. This boostrap voltage is not needed for
the low side power DMOS transistors because
their sources terminals are grounded. To produce
this voltage a charge pump method is used. It is
made by using two external capacitors; one con-
nected to the internal oscillator (CP) and the other
(Cboot) to storage the overvoltage needed for the
driving the gates of the high side DMOS. The
value suggested for the capacitors are:
Cboot
Storage
Capacitor
100
nF
CP
Pump
Capacitor
10
nF
Current Control LOOP
The current control loop is a transconductance
amplifier working in PWM mode.
The motor current is a function of the pro-
grammed DAC voltage.
To keep under control the output current, the cur-
rent control modulates the duty cycle of the two
outputs OUT_A and OUT_B, and a sensing resis-
tor Rs is connected in series with the motor wind-
ing in order to produce a voltage feedback com-
pared with the programmed voltage of the DAC .
The duty cycle modulation of the two outputs is
generated comparing the voltage at the outputs of
the error amplifier, with the two triangular wave
references .
In order to drive the output bridge with the duty
cycle modulation explained before, the signals
driving each output ( OUTA & OUTB ) are gener-
ated by the use of the two comparators having as
reference two triangular wave signals Tri_0 and
Tri_180 of the same amplitude, the same average
value (in our case Vr), but with a 180° of phase
shift each other.
The two triangular wave references are respec-
tively applied to the inverting input of the first
comparator and to the non inverting input of the
second comparator .
The other two inputs of the comparators are con-
nected together to the error amplifier output volt-
age resulting by the difference between the pro-
grammed DAC. The reset of the comparison
between the mentioned signals is shown in fig. 3.
Tri_0
Tri_180
Error Ampl.
Output
First Comp.
Output
Second Comp.
Output
Figure 3. Output comparator waveforms
L6258
8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com