Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6258 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6258
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 5 Page - STMicroelectronics

  L6258 Datasheet HTML 1Page - STMicroelectronics L6258 Datasheet HTML 2Page - STMicroelectronics L6258 Datasheet HTML 3Page - STMicroelectronics L6258 Datasheet HTML 4Page - STMicroelectronics L6258 Datasheet HTML 5Page - STMicroelectronics L6258 Datasheet HTML 6Page - STMicroelectronics L6258 Datasheet HTML 7Page - STMicroelectronics L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FUNCTIONAL DESCRIPTION
The circuit is intended to drive both windings of a
bipolar stepper motor or two DC motors.
The current control is generated through a switch
mode regulation.
With this system the direction and the amplitude
of the load current are depending on the relation
of phase and duty cycle between the two outputs
of the current control loop.
The L6258 power stage is composed by power
DMOS in bridge configuration as it is shown in fig-
ure 1, where the bridge outputs OUT_A and
OUT_B are driven to Vs with an high level at the
inputs IN_A and IN_B while are driven to ground
with a low level at the same inputs .
The zero current condition is obtained by driving
the two half bridge using signals IN_A and IN_B
with the same phase and 50% of duty cycle.
In this case the outputs of the two half bridges are
continuously switched between power supply (Vs)
and ground, but keeping the differential voltage
across the load equal to zero.
In figure 1A is shown the timing diagram of the
two outputs and the load current for this working
condition.
Following we consider positive the current flowing
into the load with a direction from OUT_A to
OUT_B, while we consider negative the current
flowing into load with a direction from OUT_B to
OUT_A.
Now just increasing the duty cycle of the IN_A
signal and decreasing the duty cycle of IN_B sig-
nal we drive positive current into the load.
In this way the two outputs are not in phase, and
the current can flow into the load trough the di-
agonal bridge formed by T1 and T4 when the out-
put OUT_A is driven to Vs and the output OUT_B
is driven to ground, while there will be a current
recirculation into the higher side of the bridge,
through T1 and T2, when both the outputs are at
Vs and a current recirculation into the lower side
of the bridge, through T3 and T4, when both the
outputs are connected to ground.
Since the voltage applied to the load for recircula-
tion is low, the resulting current discharge time
constant is higher than the current charging time
constant during the period in which the current
flows into the load through the diagonal bridge
formed by T1 and T4. In this way the load current
will be positive with an average amplitude de-
pending on the difference in duty cycle of the two
driving signals.
In figure 1B is shown the timing diagram in the
case of positive load current
On the contrary, if we want to drive negative cur-
rent into the load is necessary to decrease the
duty cycle of the IN_A signal and increase the
duty cycle of the IN_B signal. In this way we ob-
tain a phase shift between the two outputs such
to have current flowing into the diagonal bridge
formed by T2 and T3 when the output OUT_A is
driven to ground and output OUT_B is driven to
Vs, while we will have the same current recircula-
tion conditions of the previous case when both
the outputs are driven to Vs or to ground.
So, in this case the load current will be negative
with an average amplitude always depending by
the difference in duty cycle of the two driving sig-
nals.
In figure 1C is shown the timing diagram in the
case of negative load current .
Figure 2 shows the device block diagram of the
complete current control loop.
Reference Voltage
The voltage applied to VREF pin is the reference
for the internal DAC and, together with the sense
resistor value, defines the maximum current into
the motor winding according to the following rela-
tion:
IMAX
=
0.5
⋅ VREF
RS
=
1
FI
⋅
VREF
RS
where Rs = sense resistor value
L6258
5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com