Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6258 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6258
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6258 Datasheet HTML 8Page - STMicroelectronics L6258 Datasheet HTML 9Page - STMicroelectronics L6258 Datasheet HTML 10Page - STMicroelectronics L6258 Datasheet HTML 11Page - STMicroelectronics L6258 Datasheet HTML 12Page - STMicroelectronics L6258 Datasheet HTML 13Page - STMicroelectronics L6258 Datasheet HTML 14Page - STMicroelectronics L6258 Datasheet HTML 15Page - STMicroelectronics L6258 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
In order to cancel the pole of the load, the zero of
the Bx block must be located at the same fre-
quency of 163Hz; so now we have to find a com-
promise between the resistor and the capacitor of
the compensation network.
Considering that the resistor value defines the
gain of the Bx block at the zero frequency, it is
clear that this parameter will influence the total
bandwidth of the system because, annulling the
load pole with the error amplifier zero, the slope
of the total transfer function is -20dB/decade.
So the resistor value must be chosen in order to
have an error amplifier gain enough to guarantee
a desired total bandwidth .
In our example we fix at 35dB the gain of the Bx
block at zero frequency, so from the formula:
Bx_gain@zero freq.
= 20 ⋅ log
Rc
Rb
where: Rb = 20K
Ω
we have : Rc = 1.1M
Ω
Therefore we have the zero with a 163Hz the ca-
pacitor value :
Cc
=
1
2
π ⋅ Fzero ⋅ Rc
=
1
6.28
⋅ 163 ⋅ 1.1 ⋅ 10
6 =
880pF
Now we have to analyse how the new Aloop
transfer function with a compensation network on
the error amplifier is.
The following bode diagram shows :
- the Ax function showing the position of the load
pole
- the open loop transfer function of the Bx block
- the transfer function of the Bx with the RC com-
pensation network on the error amplifier
- the total Aloop transfer function that is the sum
of the Ax function plus the transfer
function of the compensated Bx block.
We can see that the effect of the load pole is can-
celled by the zero of the Bx block ; the total Aloop
cross a the 0dB axis with a slope of -20dB/dec-
ade, having in this way a stable system with an
high gain at low frequency and a bandwidth of
around 8KHz.
To increase the
bandwidth of the system, we
should increase the gain of the Bx block, keeping
the zero in the same position. In this way the re-
sult is a shift of the total Aloop transfer function up
to a greater value.
Effect of the Bemf of the stepper motor on the
current control loop stability
In order to evaluate what is the effect of the Bemf
voltage of the stepper motor we have to look at
the load block :
The schematic now shows the equivalent circuit
of the stepper motor including a sine wave volt-
age generator of the Bemf. The Bemf voltage of
the motor is not constant, its value changes de-
pending on the speed of the motor.
Increasing the motor speed the Bemf voltage in-
creases :
Bemf = Kt
⋅ ω
where:
Kt is the motor constant
ω is the motor speed in radiant per second
The formula defining the gain of the load consid-
ering the Bemf of the stepper motor becomes:
ACload
=
Vsense
Vout
=
(VS
− Bemf) ⋅
RS
RL
+ RS
VS
ACload
=
VS
− Bemf
VS
⋅
RS
RL
+ RS
OUT+
Bemf
R
L
L
L
OUT-
R
S
to Sense
Amplifier
L6258
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com