Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640D Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640D
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640D Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640D Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
21
Rev. A
06/08/2023
IS43/46LD16640D
IS43/46LD32320D
MR10_Calibration (MA<7:0> = 0AH):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Calibration Code
OP<7:0>
Calibration Code
Write-only
0xFF: Calibration command after initialization
0xAB: Long calibration
0x56: Short calibration
0xC3: ZQ Reset
All others: Reserved
MR11:15_(Reserved) (MA<7:0> = 0BH- 0FH):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
RFU
Notes:
1. Host processor shall not write MR10 with “Reserved” values.
2. LPDDR2 devices shall ignore calibration command, when a “Reserved” values is written into MR10.
3. See AC timing table for the calibration latency.
4. If ZQ is connected to VSSCA through RZQ, either the ZQ calibration function (see “MRW ZQ Calibration Command”) or
default calibration (through the ZQ RESET command) is supported. If ZQ is connected to VDDCA, the device operates
with default calibration,and ZQ calibration commands are ignored. In both cases, the ZQ connection must not change after
power is supplied to the device.
5. Devices that do not support calibration ignore the ZQ calibration command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com