Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640D Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640D
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640D Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS43LD16640D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. A
06/08/2023
IS43/46LD16640D
IS43/46LD32320D
INPUT/OUTPUT FUNCTIONAL DESCRIPTION
Pad Definition and Description
Name
Type
Description
CK, CK#Input
Clock: CK and CK# are differential clock inputs. All Double Data Rate (DDR) CA
inputs are sampled on both positive and negative edge of CK. Single Data Rate (SDR)
inputs, CS# and CKE, are sampled at the positive Clock edge.
Clock is defined as the differential pair, CK and CK#. The positive Clock edge is
defined by the crosspoint of a rising CK and a falling CK#. The negative Clock edge is
defined by the crosspoint of a falling CK and a rising CK#.
CKE
InputClock Enable: CKE HIGH activates and CKE LOW deactivates internal clock signals and
therefore device input buffers and output drivers. Power savings modes are entered and
exited through CKE transitions.
CKE is considered part of the command code. See Command Truth Table for command
code descriptions.
CKE is sampled at the positive Clock edge.
CS#
Input
Chip Select: CS# is considered part of the command code. See Command Truth Table
for command code descriptions.
CS# is sampled at the positive Clock edge.
CA0 - CA9Input
DDR Command/Address Inputs: Uni-directional command/address bus inputs.
CA is considered part of the command code. See Command Truth Table for command
code descriptions.
DQ0 - DQ15
(x16)
DQ0 - DQ31
(x32)
I/OData Inputs/Output: Bi-directional data bus
DQS0,
DQS0#,
DQS1,
DQS1#
(x16)
DQS0 -
DQS3,
DQS0# -
DQS3#
(x32)
I/O
Data Strobe (Bi-directional, Differential): The data strobe is bi-directional (used for
read and write data) and differential (DQS and DQS#). It is output with read data and
input with write data. DQS is edge-aligned to read data and centered with write data.
For x16, DQS0 and DQS0# correspond to the data on DQ0 - DQ7; DQS1 and
DQS1# to the data on DQ8 - DQ15.
For x32 DQS0 and DQS0# correspond to the data on DQ0 - DQ7, DQS1 and
DQS1# to the data on DQ8 - DQ15, DQS2 and DQS2# to the data on DQ16 - DQ23,
DQS3 and DQS3# to the data on DQ24 - DQ31.
DM0-DM1
(x16)
DM0 - DM3
(x32)
Input
Input Data Mask: For LPDDR2 devices that do not support the DNV feature, DM is the
input mask signal for write data. Input data is masked when DM is sampled HIGH
coincident with that input data during a Write access. DM is sampled on both edges of
DQS. Although DM is for input only, the DM loading shall match the DQ and DQS (or
DQS#).
DM0 is the input data mask signal for the data on DQ0-7.
For x16 and x32 devices, DM1 is the input data mask signal for the data on DQ8-15.
For x32 devices, DM2 is the input data mask signal for the data on DQ16-23 and DM3 is
the input data mask signal for the data on DQ24-31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com