Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640D Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640D
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640D Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS43LD16640D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16640D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. A
06/08/2023
Copyright © 2023 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be ex-
pected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon
Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS43/46LD16640D
IS43/46LD32320D
DESCRIPTION
The IS43/46LD16640D/32320D is 1Gbit CMOS
LPDDR2 DRAM. The device is organized as 8 banks
of 8Meg words of 16bits or 4Meg words of 32bits.
This product uses a double-data-rate architecture to
achieve high-speed operation. The double data rate
architecture is essentially a 4N prefetch architecture
with an interface designed to transfer two data words
per clock cycle at the I/O pins. This product offers fully
synchronous operations referenced to both rising and
falling edges of the clock. The data paths are internally
pipelined and 4n bits prefetched to achieve very high
bandwidth.
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
JUNE 2023
FEATURES
• Low-voltage Core and I/O Power Supplies
VDD2 = 1.14-1.30V, VDDCA/VDDQ = 1.14-1.30V,
VDD1 = 1.70-1.95V
• High Speed Un-terminated Logic(HSUL_12) I/O
Interface
• Clock Frequency Range : 10MHz to 533MHz
(data rate range : 20Mbps to 1066Mbps per I/O)
• Four-bit Pre-fetch DDR Architecture
• Multiplexed, double data rate, command/ad-
dress inputs
• Eight internal banks for concurrent operation
• Bidirectional/differential data strobe per byte of
data (DQS/DQS#)
• Programmable Read/Write latencies(RL/WL)
and burst lengths(4,8 or 16)
• ZQ Calibration
• On-chip temperature sensor to control self re-
fresh rate
• Partial –array self refresh(PASR)
• Deep power-down mode(DPD)
• Operation Temperature
Commercial (TC = 0°C to 85°C)
Industrial (TC = -40°C to 85°C)
Automotive, A1 (TC = -40°C to 85°C)
Automotive, A2 (TC = -40°C to 105°C)
Automotive, A25 (TC = -40°C to 115°C)(3)
OPTIONS
• Configuration:
− 64Mx16 (8M x 16 x 8 banks)
− 32Mx32 (4M x 32 x 8 banks)
Green Package:
− 134-ball BGA for x16 / x32
− 168-ball PoP BGA for x32
KEY TIMING PARAMETERS(1)
ADDRESS TABLE
Speed
Grade
Data
Rate
(Mb/s)
Write
Latency
Read
Latency
tRCD/
tRP(2)
-18
1066
4
8
Typical
-25
800
3
6
Typical
Parameter
32Mx32
64Mx16
Row Addresses
R0-R12
R0-R12
Column Addresses
C0-C8
C0-C9
Bank Addresses
BA0-BA2
BA0-BA2
Refresh Count
8192
8192
Notes:
1. Other clock frequencies/data rates supported; please
refer to AC timing tables.
2. Please contact ISSI for Fast trcd/trp.
3. When Tc > 105°C, Self-Refresh mode is not supported


Similar Part No. - IS43LD16640D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
Four-bit Pre-fetch DDR Architecture
IS43LD16640C ISSI-IS43LD16640C Datasheet
4Mb / 142P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. C 07/02/2021
IS43LD16640C-18BL ISSI-IS43LD16640C-18BL Datasheet
4Mb / 142P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. C 07/02/2021
IS43LD16640C-18BLI ISSI-IS43LD16640C-18BLI Datasheet
4Mb / 142P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. C 07/02/2021
IS43LD16640C-25BL ISSI-IS43LD16640C-25BL Datasheet
4Mb / 142P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. C 07/02/2021
More results

Similar Description - IS43LD16640D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56323PG SAMSUNG-K4X56323PG Datasheet
242Kb / 23P
8M x32 Mobile-DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
16M x32 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H55S1G62MFP-60 HYNIX-H55S1G62MFP-60 Datasheet
711Kb / 53P
1Gb (64Mx16bit) Mobile SDRAM
H55S1G32MFP-60 HYNIX-H55S1G32MFP-60 Datasheet
912Kb / 53P
1Gb (32Mx32bit) Mobile SDRAM
logo
Integrated Silicon Solu...
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Nanya Technology Corpor...
NT6TL64M16BQ NANYA-NT6TL64M16BQ Datasheet
4Mb / 156P
Commercial and Industrial Mobile LPDDR2 1Gb SDRAM
NT6TL64M32CX NANYA-NT6TL64M32CX Datasheet
4Mb / 152P
Commercial Mobile LPDDR2 2Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com