Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet (PDF) - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS43LD16640C
Download  IS43LD16640C Download
File Size   4165.41 Kbytes
Page   142 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM

IS43LD16640C Datasheet (PDF)

Go To PDF Page Download Datasheet
IS43LD16640C Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Download  IS43LD16640C Click to download

File Size   4165.41 Kbytes
Page   142 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM

IS43LD16640C Datasheet (HTML) - Integrated Silicon Solution, Inc


IS43LD16640C Product details

FEATURES
• Low-voltage Core and I/O Power Supplies
VDD2 = 1.14-1.30V, VDDCA/VDDQ = 1.14-1.30V,
VDD1 = 1.70-1.95V
• High Speed Un-terminated Logic(HSUL_12) I/O
Interface
• Clock Frequency Range : 10MHz to 533MHz
(data rate range : 20Mbps to 1066Mbps per I/O)
• Four-bit Pre-fetch DDR Architecture
• Multiplexed, double data rate, command/address
inputs
• Eight internal banks for concurrent operation
• Bidirectional/differential data strobe per byte of
data (DQS/DQS#)
• Programmable Read/Write latencies(RL/WL)
and burst lengths(4,8 or 16)
• ZQ Calibration
• On-chip temperature sensor to control self refresh
rate
• Partial –array self refresh(PASR)
• Deep power-down mode(DPD)
• Operation Temperature
Commercial (TC = 0°C to 85°C)
Industrial (TC = -40°C to 85°C)
Automotive, A1 (TC = -40°C to 85°C)
Automotive, A2 (TC = -40°C to 105°C)




Similar Part No. - IS43LD16640C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
Four-bit Pre-fetch DDR Architecture
IS43LD16640D ISSI-IS43LD16640D Datasheet
3Mb / 146P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. A 06/08/2023
IS43LD16640D-18BL ISSI-IS43LD16640D-18BL Datasheet
3Mb / 146P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. A 06/08/2023
IS43LD16640D-18BLI ISSI-IS43LD16640D-18BLI Datasheet
3Mb / 146P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. A 06/08/2023
IS43LD16640D-25BL ISSI-IS43LD16640D-25BL Datasheet
3Mb / 146P
1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
Rev. A 06/08/2023
More results


Similar Description - IS43LD16640C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4X56323PG SAMSUNG-K4X56323PG Datasheet
242Kb / 23P
8M x32 Mobile-DDR SDRAM
K4X51323PC-7E SAMSUNG-K4X51323PC-7E Datasheet
246Kb / 25P
16M x32 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H55S1G62MFP-60 HYNIX-H55S1G62MFP-60 Datasheet
711Kb / 53P
1Gb (64Mx16bit) Mobile SDRAM
H55S1G32MFP-60 HYNIX-H55S1G32MFP-60 Datasheet
912Kb / 53P
1Gb (32Mx32bit) Mobile SDRAM
logo
Integrated Silicon Solu...
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
logo
Nanya Technology Corpor...
NT6TL64M16BQ NANYA-NT6TL64M16BQ Datasheet
4Mb / 156P
Commercial and Industrial Mobile LPDDR2 1Gb SDRAM
NT6TL64M32CX NANYA-NT6TL64M32CX Datasheet
4Mb / 152P
Commercial Mobile LPDDR2 2Gb SDRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com