Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43LD16640C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. C
07/02/2021
® Long-term Support
World Class Quality
BALL ASSIGNMENTS AND DESCRIPTIONS
134-ball FBGA (x16), 0.65mm pitch
Top View (ball down)
1
2
3
4
5
6
7
8
9
10
A
DNU
DNU
DNU
DNU
A
B
DNU
NC
NC
VDD2
VDD1
NC
NC
NC
DNU
B
C
VDD1
VSS
RFU
VSS
VSSQ
VDDQ
NC
VSSQ
VDDQ
C
D
VSS
VDD2
ZQ
VDDQ
NC
NC
NC
NC
VSSQ
D
DQ
E
VSSCA
CA9
CA8
NC
NC
NC
DQ15
VDDQ
VSSQ
E
CA
F VDDCA
CA6
CA7
VSSQ
DQ11
DQ13
DQ14
DQ12
VDDQ
F
Power
G
VDD2
CA5
Vref(CA)
DQS1#
DQS1
DQ10
DQ9
DQ8
VSSQ
G
Ground
H VDDCA
VSS
CK#
DM1
VDDQ
H
No ball
J
VSSCA
NC
CK
VSSQ
VDDQ
VDD2
VSS
Vref(DQ)
J
ZQ
K
CKE
RFU
RFU
DM0
VDDQ
K
Clock
L
CS#
RFU
RFU
DQS0#
DQS0
DQ5
DQ6
DQ7
VSSQ
L
NC, DNU, RFU
M
CA4
CA3
CA2
VSSQ
DQ4
DQ2
DQ1
DQ3
VDDQ
M
N
VSSCA
VDDCA
CA1
NC
NC
NC
DQ0
VDDQ
VSSQ
N
P
VSS
VDD2
CA0
VDDQ
NC
NC
NC
NC
VSSQ
P
R
VDD1
VSS
NC
VSS
VSSQ
VDDQ
NC
VSSQ
VDDQ
R
T
DNU
NC
NC
VDD2
VDD1
NC
NC
NC
DNU
T
U
DNU
DNU
DNU
DNU
U
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com