Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 27 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 27 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
27
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Current State Bank n – Command to Bank n Truth Table
Notes:
1. Values in this table apply when both CKEn -1 and CKEn are HIGH, and after tXSR or tXP has been met, if the previous state
was power-down.
2. All states and sequences not shown are illegal or reserved.
3. Current state definitions:
Idle: The bank or banks have been precharged, and tRP has been met.
Active: A row in the bank has been activated, and tRCD has been met. No data bursts or accesses and no register acesses are in
progress.
Reading: A READ burst has been initiated with auto precharge disabled and has not yet terminated or been terminated.
Writing: A WRITE burst has been initiated with auto precharge disabled and has not yet terminated or been terminated.
4. The states listed below must not be interrupted by a command issued to the same bank.
NOP commands or supported commands to the other bank must be issued on any clock edge occurring during these states. Sup-
ported commands to the other banks are determined by that bank’s current state, and the definitions given in Current State Bank
n to Command to Bank m Truth Table.
Precharge: Starts with registration of a PRECHARGE command and ends when tRP is met. After tRP is met, the bank is in the
idle state.
Row activate: Starts with registration of an ACTIVATE command and ends when tRCD is met. After tRCD is met, the bank is in
the active state.
READ with AP enabled: Starts with registration of a READ command with auto precharge enabled and ends when tRP is met.
After tRP is met, the bank is in the idle state.
WRITE with AP enabled: Starts with registration of a WRITE command with auto precharge enabled and ends when tRP is met.
After tRP is met, the bank is in the idle state.
5. The states listed below must not be interrupted by any executable command. NOP commands must be applied to each rising
clock edge during these states.
Current State Bank n – Command to Bank n
Current State
Notes
Any
6
7
7
7,8
9,15
9
10,11
10,11,12
13
10,11
10,11,14
13
Power On
7,9
Resetting
MRRRead value from Mode Register
Resetting MR Reading
Active
ResetBegin Device Auto-initializationResetting
Reading
Idle
Row Active
Reading
Writing
WriteSelect column, and start new write burstWriting
BST
Write burst terminate
MRW
MRR
Reset
Precharge
ACTIVATE
Refresh (Per Bank)Refreshing (Per Bank)
Refresh (All Bank)
Read value from Mode Register
Active / MR Reading
Deactivate row in bank or banksPrecharging
MRR
Precharge
Read
Select column, and start write burstWriting
Select column, and start new read burstReading
Refreshing (AllBank)
Begin to refresh
Load value from Mode Register
MR Writing
Select column, and start write burstWriting
Active
Write
BST
Read burst terminate
Read
Select column, and start read burst
Begin Device Auto-initializationResetting
Read value from Mode Register
Idle / MR Reading
Deactivate row in bank or banksPrecharging
Select column, and start read burstReading
Read
Write
Operation
Select and activate row
Begin to refresh
Command
NOP
Next State
Continue previous operationCurrent State
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com