Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
18
Rev. C
07/02/2021
® Long-term Support
World Class Quality
OP7
OP6
OP5
OP4O
OP3
OP2
OP1
OP0
I/O width
Density
Type
OP7
OP6
OP5
OP4O
OP3
OP2
OP1
OP0
Vendor-specific Test Mode
OP<1:0>
Type
Read-only
00
B:S4 SDRAM
01
B: Reserved
10
B: Reserved
11
B: Reserved
OP<5:0>
Density
Read-only
0000
B: 64Mb (Reserved)
0001
B: 128Mb (Reserved)
0010
B: 256Mb (Reserved)
0011
B: 512Mb (Reserved)
0100
B: 1Gb
0101
B: 2Gb (Reserved)
0110
B: 4Gb (Reserved)
0111
B: 8Gb (Reserved)
1000
B: 16Gb (Reserved)
1001
B: 32Gb (Reserved)
All others: Reserved
OP<7:6>
I/O width
Read-only
00
B: x32
01
B: x16
10
B: x8 (Reserved)
11
B: not used
MR8_Basic Configuration 4 (MA<7:0> =08
H):
MR9_Test Mode (MA<7:0> =09
H):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com