Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 47 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 47 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 51Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
47
Rev. C
07/02/2021
® Long-term Support
World Class Quality
PRECHARGE
The PRECHARGE command is used to precharge or close a bank that has been activated.
The PRECHARGE command is initiated with CS# LOW, CA0 HIGH, CA1 HIGH, CA2 LOW, and
CA3 HIGH at the rising edge of the clock. The PRECHARGE command can be used to precharge
each bank independently or all banks simultaneously.
This is an 8-bank device, such that the AB flag and the bank address bits BA0, BA1, and BA2 are
used to determine which bank(s) to precharge. The precharged bank(s) will be available for sub-
sequent row access tRPab after an all bank PRECHARGE command is issued, or tRPpb after a
single-bank PRECHARGE command is issued.
In order to ensure that 8-bank devices can meet the instantaneous current demand required to
operate, the row precharge time (tRP) for an all bank PRECHARGE in 8-bank devices (tRPab) will
be longer than the row precharge time for a single-bank PRECHARGE (tRPpb).
Bank Selection for PRECHARGE by Address Bits
AB (CA4r)
BA2 (CA9r)BA1 (CA8r)BA0 (CA7r) Precharged Bank(s)
8-bank device
0000
Bank 0 only
0001
Bank 1 only
0010
Bank 2 only
0011
Bank 3 only
0100
Bank 4 only
0101
Bank 5 only
0110
Bank 6 only
0111
Bank 7 only
1
Don't care
Don't care
Don't care
All Banks
Bank selection for Precharge by address bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com