Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
32
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Note: Exclusively for 8-bank devices.
Certain restriction on operation of 8 bank devices must be observed, One rule restricts the number
of sequential ACTIVATE commands that can be issued; the second provides additional RAS pre-
charge time for a PRECHARGE ALL command.
• The 8-Bank Device Sequential Bank Activation Restriction:No more than four banks can be ac-
tivated (or refreshed, in the case of REFpb) in a rolling tFAW window. To convert to clocks, divide
tFAW[ns] by tCK[ns], and round up to the next integer value. For example, if RU(tFAW/tCK) is 10
clocks, and an ACTIVATE command is issued in clock n, no more than three further ACTIVATE
commands can be issued at or between clock n + 1 and n + 9. REFpb also counts as bank activa-
tion for purposes of tFAW.
• The 8-Bank Device PRECHARGE ALL Provision: tRP for a PRECHARGE ALL command must
equal tRPab, which is greater than tRPpb
tFAW Timing (8-Bank Devices)
tFAW timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com