Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 66 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 66 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
66
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Partial-Array Self Refresh – Bank Masking
Devices in densities of 64Mb–512Mb are comprised of four banks; densities of 1Gb and higher are
comprised of eight banks. Each bank can be configured independently whether or not a SELF RE-
FRESH operation will occur in that bank. One 8-bit mode register (accessible via the MRW com-
mand) is assigned to program the bank-masking status of each bank up to eight banks. For bank
masking bit assignments, see the MR16 PASR Bank Mask (MA[7:0] = 010h) and MR16 Op-Code
Bit Definitions tables.
The mask bit to the bank enables or disables a refresh operation of the entire memory space
within the bank. If a bank is masked using the bank mask register, a REFRESH operation to the
entire bank is blocked and bank data retention is not guaranteed in self refresh mode. To enable a
REFRESH operation to a bank, the corresponding bank mask bit must be programmed as “un-
masked.” When a bank mask bit is unmasked, the array space being refreshed within that bank is
determined by the programmed status of the
segment mask bits.
Partial-Array Self Refresh – Segment Masking
Programming segment mask bits is similar to programming bank mask bits. For densities 1Gb
and higher, eight segments are used for masking (see the MR17 PASR Segment Mask (MA[7:0]
= 011h) and MR17 PASR Segment Mask Definitions tables). A mode register is used for program-
ming segment mask bits up to eight bits. For densities less than 1Gb, segment masking is not
supported.
When the mask bit to an address range (represented as a segment) is programmed as“masked,”
a REFRESH operation to that segment is blocked. Conversely, when a segment mask bit to an ad-
dress range is unmasked, refresh to that segment is enabled.
A segment masking scheme can be used in place of or in combination with a bank masking
scheme. Each segment mask bit setting is applied across all banks. For segment masking bit as-
signments, see the tables noted above.
Bank and Segment Masking Example
Note: This table provides values for an 8-bank device with REFRESH operations masked to banks 1 and 7, and segments 2 and 7.
Segment Mask (MR17)
Bank 0
Bank 1
Bank 2
Bank 3
Bank 4
Bank 5
Bank 6
Bank 7
Bank Mask (MR16)
0
100000
1
Segment 0
0–
M–
––––
M
Segment 1
0–
M–
––––
M
Segment 21
M
M
M
M
M
M
M
M
Segment 3
0–
M–
––––
M
Segment 4
0–
M–
––––
M
Segment 5
0–
M–
––––
M
Segment 6
0–
M–
––––
M
Segment 71
M
M
M
M
M
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com