Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 69 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 69 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
69
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Temperature Sensor
LPDDR2 devices feature a temperature sensor whose status can be read from MR4. This sen-
sor can be used to determine an appropriate refresh rate, determine whether AC timing derating is
required in the extended temperature range, and/or monitor the operating temperature. Either the
temperature sensor or the device operating temperature can be used to determine whether operat-
ing temperature requirements
are being met (see Operating Temperature Range table). Temperature sensor data can be read
from MR4 using the mode register read protocol.
Upon exiting self-refresh or power-down, the device temperature status bits will be no older than
tTSI.
When using the temperature sensor, the actual device case temperature may be higher than the
operating temperature specification that applies for the standard or extended temperature ranges
(see table noted above). For example, TCASE could be above 85˚C when MR4[2:0] equals 011b.
To ensure proper operation using the temperature sensor, applications must accommodate the
parameters in the temperature sensor definitions table.
Temperature Sensor Definitions and Operating Conditions
LPDDR2 devices accommodate the temperature margin between the point at which the device
temperature enters the extended temperature range and the point at which the controller reconfig-
ures the system accordingly. To determine the required MR4 polling frequency, the system must
use the maximum TempGradient and the maximum response time of the system according to the
following equation:
TempGradient × (ReadInterval + tTSI + SysRespDelay)
≤ 2°C
For example, if TempGradient is 10˚C/s and the SysRespDelay is 1ms:
10°C / s × (ReadInterval + 32ms + 1ms)
≤ 2°C
In this case, ReadInterval must not exceed 167ms
ParameterSymbolMax/MinValue
Unit
Notes
System Temperature Gradient TempGradient
MaxSystem Dependent C/s
Maximum temperature gradient
experienced by the memory device at the
temperature of interest over a range of 2°C.
MR4 Read Interval
ReadInterval
MaxSystem Dependent ms Time period between MR4 READs from the
system.
Temperature Sensor Interval tTSI
Max16ms Maximum delay between internal updates
of MR4.
System Response Delay
SysRespDela
y
MaxSystem Dependent ms Maximum response time from an MR4
READ to the system response.
Device Temperature Margin TempMargin
Max2
C Margin above maximum temperature to
support controller response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com