Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
8
Rev. C
07/02/2021
® Long-term Support
World Class Quality
LPDDR2-S4 is a high-speed SDRAM device internally configured as an 8-Bank memory. This device contains
1,073,741,824 bits (1 Gigabit)
All LPDDR2 devices use a double data rate archiecture on the Command/Address (CA) bus to reduce the number
of input pins in the system. The 10-bit CA bus contains command, address, and Bank/Row Buffer information. Each
command uses one clock cycle, during which command information is transferred on both the positive and negative
edge of the clock.
This LPDDR2-S4 device also uses a double data rate architecture on the DQ pins to achieve high speed operation.
The double data rate architecture is essentially a 4n prefetch architecture with an interface designed to transfer two
data bits per DQ every clock cycle at the I/O pins. A single read or write access for the memory device effectively
consists of a single 4n-bit wide, one clock cycle data transfer at the internal SDRAM core and four corresponding n-
bit wide, one-half-clock-cycle data transfers at the I/O pins.
Read and write accesses to the LPDDR2 are burst oriented; accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence.
Accesses begin with the registration of an Activate command, which is then followed by a Read or Write command.
The address and BA bits registered coincident with the Activate command are used to select the row and the Bank
to be accessed. The address bits registered coincident with the Read or Write command are used to select the Bank
and the starting column location for the burst access.
Prior to normal operation, the LPDDR2 must be initialized. The following section provides detailed information cover-
ing device initialization, register definition, command description and device operation.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com