Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
16
Rev. C
07/02/2021
® Long-term Support
World Class Quality
MR2_Device Feature 2 (MA<7:0> = 02H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
RL & WL
OP<3:0>
RL & WL (Read Latency & Write
Latency)
Write-only
0001B: RL3 / WL1 (default)
0010B: RL4 / WL2
0011B: RL5 / WL2
0100B: RL6 / WL3
0101B: RL7 / WL4
0110B: RL8 / WL4
All others: reserved
MR4_Device Temperature (MA<7:0> = 04H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
TUF
(RFU)
SDRAM Refresh Rate
OP<2:0>
SDRAM Refresh Rate
Read-only
000B: 4 x tREFI, SDRAM Low Temp. operating limit exceeded
001B:
4 × tREFI, 4 × tREFIpb, 4 × tREFW
010B:
2 × tREFI, 2 × tREFIpb, 2 × tREFW,
011B:
1 × tREFI, 1 × tREFIpb, 1 × tREFW (<= 85C)
100B: RFU
MR3_I/O Configuration 1 (MA<7:0> = 03H):
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
(RFU)
DS
OP<3:0>
DS (Drive Strength)
Write-only
0000B: reserved
0001B: 34.3 ohm typical
0010B: 40.0 ohm typical (default)
0011B: 48.0 ohm typical
0100B: 60.0 ohm typical
0101B: reserved
0110B: 80.0 ohm typical
0111
B: 120.0 ohm typical
All others: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com