Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS43LD16640C Datasheet(PDF) 89 Page - Integrated Silicon Solution, Inc

Part # IS43LD16640C
Description  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C Datasheet(HTML) 89 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 93Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
89
Rev. C
07/02/2021
® Long-term Support
World Class Quality
AC and DC Input Levels for Single-Ended CA and CS# Signals
AC and DC Input Levels for CKE
Single-Ended AC and DC Input Levels for CKE
AC and DC Input Levels for Single-Ended Data Signals
Single-Ended AC and DC Input Levels for CA and CS# Inputs
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit Notes
Min
Max
Min
Max
VIHCA(AC)AC input logic high
Vref + 0.220Note 2Vref + 0.300Note 2V
1, 2
VILCA(AC)AC input logic lowNote 2Vref - 0.220
Note 2Vref - 0.300V
1, 2
VIHCA(DC) DC input logic high
Vref + 0.130
VDDCAVref + 0.200VDDCA
V1
VILCA(DC)DC input logic low
VSSCAVref - 0.130
VSSCAVref - 0.200V
1
VRefCA(DC) Reference Voltage for CA and
CS# inputs
0.49 * VDDCA0.51 * VDDCA0.49 * VDDCA0.51 * VDDCAV
3, 4
Symbol
Parameter
Min
Max
Unit Notes
VIHCKE
CKE Input High Level
0.8 * VDDCA
Note 1V
1
VILCKE
CKE Input Low LevelNote 10.2 * VDDCAV
1
Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHDQ(AC)
AC input logic high
Vref + 0.220Note 2Vref + 0.300
Note 2
V1, 2, 5
VILDQ(AC)
AC input logic low
Note 2Vref - 0.220
Note 2Vref - 0.300
V1, 2, 5
VIHDQ(DC)
DC input logic high
Vref + 0.130
VDDQ
Vref + 0.200VDDQ
V1
VILDQ(DC)
DC input logic low
VSSQVref - 0.130
VSSQVref - 0.200
V1
VRefDQ(DC)
Reference Voltage for
DQ, DM inputs
0.49 * VDDQ
0.51 * VDDQ
0.49 * VDDQ0.51 * VDDQ
V3, 4
Notes:
1. For CA and CS# input only pins. Vref = VrefCA(DC).
2. See “Overshoot and Undershoot Specifications”
3. The ac peak noise on VRefCA may not allow VRefCA to deviate from VRefCA(DC) by more than +/-1%
VDDCA (for reference: approx. +/- 12 mV).
4. For reference: approx. VDDCA/2 +/- 12 mV.
AC and DC Input Levels for CKE
Single-Ended AC and DC Input Levels for CKE
AC and DC Input Levels for Single-Ended Data Signals
Single-Ended AC and DC Input Levels for CA and CS# Inputs
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit Notes
Min
Max
Min
Max
VIHCA(AC)AC input logic high
Vref + 0.220Note 2Vref + 0.300Note 2V
1, 2
VILCA(AC)AC input logic lowNote 2Vref - 0.220
Note 2Vref - 0.300V
1, 2
VIHCA(DC) DC input logic high
Vref + 0.130
VDDCAVref + 0.200VDDCA
V1
VILCA(DC)DC input logic low
VSSCAVref - 0.130
VSSCAVref - 0.200V
1
VRefCA(DC) Reference Voltage for CA and
CS# inputs
0.49 * VDDCA0.51 * VDDCA0.49 * VDDCA0.51 * VDDCAV
3, 4
Symbol
Parameter
Min
Max
Unit Notes
VIHCKE
CKE Input High Level
0.8 * VDDCA
Note 1V
1
VILCKE
CKE Input Low LevelNote 10.2 * VDDCAV
1
Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHDQ(AC)
AC input logic high
Vref + 0.220Note 2Vref + 0.300
Note 2
V1, 2, 5
VILDQ(AC)
AC input logic low
Note 2Vref - 0.220
Note 2Vref - 0.300
V1, 2, 5
VIHDQ(DC)
DC input logic high
Vref + 0.130
VDDQ
Vref + 0.200VDDQ
V1
VILDQ(DC)
DC input logic low
VSSQVref - 0.130
VSSQVref - 0.200
V1
VRefDQ(DC)
Reference Voltage for
DQ, DM inputs
0.49 * VDDQ
0.51 * VDDQ
0.49 * VDDQ0.51 * VDDQ
V3, 4
Note:
1. See “Overshoot and Undershoot Specifications”
AC and DC Input Levels for CKE
Single-Ended AC and DC Input Levels for CKE
AC and DC Input Levels for Single-Ended Data Signals
Single-Ended AC and DC Input Levels for CA and CS# Inputs
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit Notes
Min
Max
Min
Max
VIHCA(AC)AC input logic high
Vref + 0.220Note 2Vref + 0.300Note 2V
1, 2
VILCA(AC)AC input logic lowNote 2Vref - 0.220
Note 2Vref - 0.300V
1, 2
VIHCA(DC) DC input logic high
Vref + 0.130
VDDCAVref + 0.200VDDCA
V1
VILCA(DC)DC input logic low
VSSCAVref - 0.130
VSSCAVref - 0.200V
1
VRefCA(DC) Reference Voltage for CA and
CS# inputs
0.49 * VDDCA0.51 * VDDCA0.49 * VDDCA0.51 * VDDCAV
3, 4
Symbol
Parameter
Min
Max
Unit Notes
VIHCKE
CKE Input High Level
0.8 * VDDCA
Note 1V
1
VILCKE
CKE Input Low LevelNote 10.2 * VDDCAV
1
Single-Ended AC and DC Input Levels for DQ and DM
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHDQ(AC)
AC input logic high
Vref + 0.220Note 2Vref + 0.300
Note 2
V1, 2, 5
VILDQ(AC)
AC input logic low
Note 2Vref - 0.220
Note 2Vref - 0.300
V1, 2, 5
VIHDQ(DC)
DC input logic high
Vref + 0.130
VDDQ
Vref + 0.200VDDQ
V1
VILDQ(DC)
DC input logic low
VSSQVref - 0.130
VSSQVref - 0.200
V1
VRefDQ(DC)
Reference Voltage for
DQ, DM inputs
0.49 * VDDQ
0.51 * VDDQ
0.49 * VDDQ0.51 * VDDQ
V3, 4
Notes:
1. For DQ input only pins. Vref = VrefDQ(DC).
2. See “Overshoot and Undershoot Specifications”
3. The ac peak noise on VRefDQ may not allow VRefDQ to deviate from VRefDQ(DC) by more than +/-1%
VDDQ (for reference: approx. +/- 12 mV).
4. For reference: approx. VDDQ/2 +/- 12 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com